Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD214A-B340 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce CD214A-B340
Description  Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B340 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  CD214A-B340 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B340 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B340 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B340 Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B340 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
Rating and Characteristic Curves: CD214A-B340L
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
0.1
1
10
0
0.05 0.10
0.15 0.20
0.25
0.30 0.35 0.40
0.45
0.50
0.55
Forward Voltage (Volts)
Tj=25 °C
Tj=100 °C
Tj=125 °C
PULSEWIDTH 300µs
55
1000
100
0.1
1
10
0.01
0
5
10
15
20
25
35
40
45
Rated Peak Reverse Voltage (V)
30
Tj=25 °C
Tj=100 °C
Tj=125 °C
3.50
2.50
2.00
3.00
1.50
1.00
0.50
0.00
25
50
75
100
125
150
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
1000
100
200
300
400
500
600
700
800
900
0
0
20
40
60
80
100
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Numéro de pièce similaire - CD214A-B340

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD214A-B340L BOURNS-CD214A-B340L Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B340LF BOURNS-CD214A-B340LF Datasheet
167Kb / 5P
   CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-B340LLF BOURNS-CD214A-B340LLF Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B340LR BOURNS-CD214A-B340LR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B340R BOURNS-CD214A-B340R Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results

Description similaire - CD214A-B340

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com