Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMG2G150US60E Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FMG2G150US60E
Description  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMG2G150US60E Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FMG2G150US60E Datasheet HTML 1Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 2Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 3Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 4Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 5Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 6Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 7Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 8Page - Fairchild Semiconductor FMG2G150US60E Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FMG2G150US60E Rev. A
Electrical Characteristics of DIODE T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VFM
Diode Forward Voltage
IF = 150A
TC = 25°C
--
1.9
2.8
V
TC = 100°C
--
1.8
--
trr
Diode Reverse Recovery Time
IF = 150A
di / dt = 300 A/us
TC = 25°C
--
90
130
ns
TC = 100°C
--
130
--
Irr
Diode Peak Reverse Recovery
Current
TC = 25°C
--
15
20
A
TC = 100°C
--
22
--
Qrr
Diode Reverse Recovery Charge
TC = 25°C
--
675
1270
nC
TC = 100°C
--
1430
--
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case (IGBT Part, per 1/2 Module)
--
0.20
°C/W
RθJC
Junction-to-Case (DIODE Part, per 1/2 Module)
--
0.47
°C/W
RθCS
Case-to-Sink
(Conductive grease applied)
0.03
--
°C/W
Weight
Weight of Module
--
270
g


Numéro de pièce similaire - FMG2G150US60E

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMG2G150US60 FAIRCHILD-FMG2G150US60 Datasheet
714Kb / 7P
   Molding Type Module
More results

Description similaire - FMG2G150US60E

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com