Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM27C010N120 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FM27C010N120
Description  1,048,576-Bit 128K x 8 High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C010N120 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FM27C010N120 Datasheet HTML 1Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 2Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 3Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 4Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 5Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 6Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 7Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 8Page - Fairchild Semiconductor FM27C010N120 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
www.fairchildsemi.com
FM27C010
AC Test Conditions
Output Load
1 TTL Gate and C
L = 100 pF (Note 8)
Input Rise and Fall Times
≤5 ns
Input Pulse Levels
0.45V to 2.4V
Timing Measurement Reference Level
Inputs
0.8V and 2V
Outputs
0.8V and 2V
AC Waveforms (Note 6), (Note 7), and (Note 9)
Note 1: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note 2: This parameter is only sampled and is not 100% tested.
Note 3: OE may be delayed up to t
ACC - tOE after the falling edge of CE without impacting tACC.
Note 4: The tDF and tCF compare level is determined as follows:
High to TRI-STATE®, the measured VOH1 (DC) - 0.10V;
Low to TRI-STATE, the measured VOL1 (DC) + 0.10V.
Note 5: TRI-STATE may be attained using OE or CE.
Note 6: The power switching characteristics of EPROMs require careful device decoupling. It is recommended that at least a 0.1
µF ceramic capacitor be used on every device
between VCC and GND.
Note 7: The outputs must be restricted to V
CC + 1.0V to avoid latch-up and device damage.
Note 8: 1 TTL Gate: I
OL = 1.6 mA, IOH = -400 µA.
C
L: 100 pF includes fixture capacitance.
Note 9: V
PP may be connected to VCC except during programming.
Note 10: Inputs and outputs can undershoot to -2.0V for 20 ns Max.
Programming Characteristics (Note 11), (Note 12), (Note 13), and (Note 14)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tAS
Address Setup Time
1
µs
t
OES
OE Setup Time
1
µs
tCES
CE Setup Time
OE = VIH
1
µs
t
DS
Data Setup Time
1
µs
tVPS
VPP Setup Time
1
µs
t
VCS
V
CC Setup Time
1
µs
tAH
Address Hold Time
0
µs
t
DH
Data Hold Time
1
µs
tDF
Output Enable to Output Float Delay
CE = VIL
060
ns
t
PW
Program Pulse Width
45
50
105
µs
Address Valid
Valid Output
Hi-Z
2V
0.8V
2V
0.8V
2V
0.8V
ADDRESS
OUTPUT
CE
OE
tCE
2V
0.8V
(Note 3)
(Note 3)
tDF
(Note 4, 5)
(Note 4, 5)
tOH
Hi-Z
tOE
tACC
tCF
DS800032-4


Numéro de pièce similaire - FM27C010N120

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N120 FAIRCHILD-FM27C040N120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N150 FAIRCHILD-FM27C040N150 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N90 FAIRCHILD-FM27C040N90 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040NE120 FAIRCHILD-FM27C040NE120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
More results

Description similaire - FM27C010N120

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27LV010 FAIRCHILD-NM27LV010 Datasheet
100Kb / 10P
   1,048,576-Bit (128k x 8) Low Voltage EPROM
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com