Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25C160UV Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FM25C160UV
Description  16K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C160UV Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FM25C160UV Datasheet HTML 1Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 2Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 3Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 4Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 5Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 6Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 7Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 8Page - Fairchild Semiconductor FM25C160UV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
FM25C160U Rev. B
Standard Voltage 4.5
V
CC 5.5V Specifications
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltage with
Respect to Ground
+6.5V to -0.3V
Lead Temp. (Soldering, 10 sec.)
+300
°C
ESD Rating
2000V
Operating Conditions
Ambient Operating Temperature
FM25C160U
0
°C to +70°C
FM25C160UE
-40
°C to +85°C
FM25C160UV
-40
°C to +125°C
Power Supply (V
CC)
4.5V to 5.5V
DC and AC Electrical Characteristics 4.5V
≤ V
CC ≤ 5.5V (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Units
I
CC
Operating Current
/CS = V
IL
3mA
ICCSB
Standby Current
/CS = VCC
50
µA
I
IL
Input Leakage
V
IN = 0 to VCC
-1
+1
µA
I
OL
Output Leakage
V
OUT = GND to VCC
-1
+1
µA
VIL
CMOS Input Low Voltage
-0.3
VCC * 0.3
V
V
IH
CMOS Input High Voltage
0.7 * V
CC
V
CC + 0.3
V
V
OL
Output Low Voltage
I
OL = 1.6 mA
0.4
V
VOH
Output High Voltage
IOH = -0.8 mA
VCC - 0.8
V
f
OP
SCK Frequency
2.1
MHz
t
RI
Input Rise Time
2.0
µs
tFI
Input Fall Time
2.0
µs
t
CLH
Clock High Time
(Note 2)
190
ns
t
CLL
Clock Low Time
(Note 2)
190
ns
tCSH
Min /CS High Time
(Note 3)
240
ns
t
CSS
/CS Setup Time
240
ns
t
DIS
Data Setup Time
100
ns
tHDS
/HOLD Setup Time
90
ns
t
CSN
/CS Hold Time
240
ns
t
DIN
Data Hold Time
100
ns
tHDN
/HOLD Hold Time
90
ns
t
PD
Output Delay
C
L = 200 pF
240
ns
t
DH
Output Hold Time
0
ns
tLZ
/HOLD to Output Low Z
100
ns
t
DF
Output Disable Time
C
L = 200 pF
240
ns
t
HZ
/HOLD to Output High Z
100
ns
tWP
Write Cycle Time
1–16 Bytes
10
ms
Capacitance T
A = 25°C, f = 2.1/1 MHz (Note 4)
Symbol
Test
Typ Max Units
C
OUT
Output Capacitance
3
8
pF
C
IN
Input Capacitance
2
6
pF
AC Test Conditions
Output Load
C
L = 200 pF
Input Pulse Levels
0.1 * VCC – 0.9 * VCC
Timing Measurement Reference Level
0.3 * V
CC - 0.7 * VCC
Note 1: Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the
device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note 2: The f
OP frequency specification specifies a minimum clock period of 1/fOP. Therefore, for every fOP clock cycle, tCLH + tCLL must be equal to or greater than 1/fOP. For
example, for a f
OP of 2.1MHz, the period equals 476ns. In this case if t CLH = is set to 190ns, then tCLL must be set to a minimum of 286ns.
Note 3: /CS must be brought high for a minimum of tCSH between consecutive instruction cycles.
Note 4: This parameter is periodically sampled and not 100% tested.


Numéro de pièce similaire - FM25C160UV

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM25C160-GA RAMTRON-FM25C160-GA Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160-S ETC1-FM25C160-S Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

Description similaire - FM25C160UV

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com