Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25C041 Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FM25C041
Description  4K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C041 Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FM25C041 Datasheet HTML 3Page - Fairchild Semiconductor FM25C041 Datasheet HTML 4Page - Fairchild Semiconductor FM25C041 Datasheet HTML 5Page - Fairchild Semiconductor FM25C041 Datasheet HTML 6Page - Fairchild Semiconductor FM25C041 Datasheet HTML 7Page - Fairchild Semiconductor FM25C041 Datasheet HTML 8Page - Fairchild Semiconductor FM25C041 Datasheet HTML 9Page - Fairchild Semiconductor FM25C041 Datasheet HTML 10Page - Fairchild Semiconductor FM25C041 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
FM25C041U Rev. B
8-Pin Molded TSSOP, JEDEC (MT8)
Package Number MTC08
0.114 - 0.122
(2.90 - 3.10)
0.123 - 0.128
(3.13 - 3.30)
0.246 - 0.256
(6.25 - 6.5)
14
85
0.169 - 0.177
(4.30 - 4.50)
(7.72) Typ
(4.16) Typ
(1.78) Typ
(0.42) Typ
(0.65) Typ
0.002 - 0.006
(0.05 - 0.15)
0.0256 (0.65)
Typ.
0.0433
(1.1)
Max
0.0075 - 0.0118
(0.19 - 0.30)
Pin #1 IDENT
0.0035 - 0.0079
0
°-8°
0.020 - 0.028
(0.50 - 0.70)
0.0075 - 0.0098
(0.19 - 0.25)
Seating
plane
Gage
plane
See detail A
Notes: Unless otherwise specified
1. Reference JEDEC registration MO153. Variation AA. Dated 7/93
Land pattern recommendation
DETAIL A
Typ. Scale: 40X
Physical Dimensions inches (millimeters) unless otherwise noted
Note: Metal mask option for 16-byte page size.
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, Tsimshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841


Numéro de pièce similaire - FM25C041

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM25C040 FAIRCHILD-FM25C040 Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UE FAIRCHILD-FM25C040UE Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UV FAIRCHILD-FM25C040UV Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Description similaire - FM25C041

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com