Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM1233BDS3X Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FM1233BDS3X
Description  3-Pin 關C Supervisor Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM1233BDS3X Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FM1233BDS3X Datasheet HTML 1Page - Fairchild Semiconductor FM1233BDS3X Datasheet HTML 2Page - Fairchild Semiconductor FM1233BDS3X Datasheet HTML 3Page - Fairchild Semiconductor FM1233BDS3X Datasheet HTML 4Page - Fairchild Semiconductor FM1233BDS3X Datasheet HTML 5Page - Fairchild Semiconductor FM1233BDS3X Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
FM1233B Rev. D
Pin Descriptions
Circuit Timing
When operating properly with 5V VCC (for example), RESET will
also be about 5V. When VCC starts to fall, RESET will follow it
down as shown. When VCC drops below VTH, RESET drops to
ground (“issues a RESET”) and stays there unless VCC also
falls below its minimum operating voltage, approx. 1V. At this
point, the supervisor loses control, and its output may rise, only
to again follow VCC down to the ground.
When VCC begins to rise, RESET follows it until 1.0V or so is
reached, whereupon the device regains control, RESET is
pulled to ground, etc. When VCC rises above VTH, RESET
comes out of RESET 140 ms later.
If it is required that a lower value than GND + 1.0V is needed
on RESET signal during VCC ≤ 1V, a 100K resistor may be used
on the device output to GND.
Pin Number
Name
Function
1
GND
GROUND
2
RESET
RESET remains LOW while VCC is below VTH, and for
at least 140ms after VCC rises above VTH.
3VCC
3.3V
VTH
1V
GND
3.3V
VTH
1V
GND
VCC
RESET
140ms
(min)


Numéro de pièce similaire - FM1233BDS3X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ABAS3X FAIRCHILD-FM1233ABAS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ACS3X FAIRCHILD-FM1233ACS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ADS3X FAIRCHILD-FM1233ADS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results

Description similaire - FM1233BDS3X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
   3-Pin 關C Supervisor Device
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com