Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM1233ADS3X Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FM1233ADS3X
Description  3-Pin 關C Supervisor Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM1233ADS3X Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FM1233ADS3X Datasheet HTML 1Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 2Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 3Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 4Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 5Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 6Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.fairchildsemi.com
FM1233A Rev. E
Absolute Maximum Ratings
Voltage on any pin relative to GND
VCC
-0.3V to +6.0V
RESET
-0.3V to (VCC + 0.3V)
Input Current
20mA
Output Current (RESET)
20mA
Continuous Power Dissipation (TA = 70°C)
SOT23 (derate 4mW above 70°C)
300mW
Operating Temperature Range
-40°C to +105°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
These are stress ratings only, and functional operation is not implied for these levels or beyond. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Electrical Characteristics (VCC = 3.3V; TA = -40°C to +105°C unless otherwise
noted) (Note 1)
Note 1: Testing at production is done at 25°C only. Limits over temperature are guaranteed by design.
Note 2: C = 100pF, VCC = 3.3V. It is recommended to connect 100pF capacitor between the Reset pin and Ground pin if pushbutton reset is implemented.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Voltage
VCC
1.2
3.3
5.5
V
Supply Current
ICC
VCC < 3.3V
3
6
µA
Reset Threshold
VTH
FM1233AC
2.70
2.88
2.97
V
Reset Threshold
VTH
FM1233AD
2.58
2.72
2.86
V
Reset Threshold
VTH
FM1233ABA
2.97
3.08
3.19
V
Reset Output Voltage
VOL
ISINK = 1.2mA
VCC = VTH(min)
0.4
V
Reset Timeout Period
tRST
FM1233AC,
FM1233AD
140
256
560
ms
Reset Timeout Period
tRST
FM1233ABA
17
32
64
ms
Pushbutton Detect
PBVDET
VCC = 3.3V
0.8
2.0
V
Pushbutton Release
PBVREL
Note 2
0.3
1.5
V


Numéro de pièce similaire - FM1233ADS3X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BDS3X FAIRCHILD-FM1233BDS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BES3X FAIRCHILD-FM1233BES3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BFS3X FAIRCHILD-FM1233BFS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results

Description similaire - FM1233ADS3X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
   3-Pin 關C Supervisor Device
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com