Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7721 Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-7721
Description  40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7721 Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7721 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Application Information
Bypassing and PC Board Layout
The HCPL-772X/072X optocouplers are extremely easy to use. No external interface circuitry is required because the
HCPL-772X/072X use high-speed CMOS IC technology allowing CMOS logic to be connected directly to the inputs
and outputs.
As shown in Figure 10, the only external components required for proper operation are two bypass capacitors. Ca-
pacitor values should be between 0.01 µF and 0.1
µF. For each capacitor, the total lead length between both ends of
the capacitor and the power-supply pins should not exceed 20 mm. Figure 11 illustrates the recommended printed
circuit board layout for the HPCL-772X/072X.
Figure 10. Recommended printed circuit board layout.
Figure 11. Recommended printed circuit board layout
Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew
Propagation Delay is a figure of merit that describes how quickly a logic signal propagates through a system. The
propagation delay from low to high (tPLH) is the amount of time required for an input signal to propagate to the
output, causing the output to change from low to high. Similarly, the propagation delay from high to low (tPHL) is the
amount of time required for the input signal to propagate to the output, causing the output to change from high to
low. See Figure 12.
Figure 12.
INPUT
tPLH
tPHL
OUTPUT
VI
VO
10%
90%
90%
10%
VOH
VOL
0 V
50%
5 V CMOS
2.5 V CMOS
HCPL-0710 fig 13
VDD2
C1
C2
VO
GND2
VDD1
VI
GND1
C1, C2 = 0.01 µF TO 0.1 µF
7
5
6
8
2
3
4
1
GND2
C1
C2
NC
VDD2
NC
VO
VDD1
VI
C1, C2 = 0.01 µF TO 0.1 µF
GND1


Numéro de pièce similaire - HCPL-7721

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-7721 HP-HCPL-7721 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-7721 BOARDCOM-HCPL-7721 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-7721 BOARDCOM-HCPL-7721 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Description similaire - HCPL-7721

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com