Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0314 Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0314
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0314 Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Figure 17. Propagation delay test circuit and waveforms.
Figure 18. CMR test circuit and waveforms.
0.1 µF
VCC = 15
to 30 V
47
1
3
IF = 7 to 16 mA
VO
+
+
2
4
8
6
7
5
10 KHz
50% DUTY
CYCLE
500
3 nF
IF
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
0.1 µF
VCC = 30 V
1
3
IF
VO
+
+
2
4
8
6
7
5
A
+
B
VCM = 1500 V
5 V
VCM
∆t
0 V
VO
SWITCH AT B: IF = 0 mA
VO
SWITCH AT A: IF = 10 mA
VOL
VOH
∆t
VCM
δV
δt
=


Numéro de pièce similaire - HCPL-0314

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-0314 HP-HCPL-0314 Datasheet
249Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0314 AVAGO-HCPL-0314 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314 AVAGO-HCPL-0314 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-0314

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com