Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS73730DRBT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS73730DRBT
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73730DRBT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS73730DRBT Datasheet HTML 2Page - Texas Instruments TPS73730DRBT Datasheet HTML 3Page - Texas Instruments TPS73730DRBT Datasheet HTML 4Page - Texas Instruments TPS73730DRBT Datasheet HTML 5Page - Texas Instruments TPS73730DRBT Datasheet HTML 6Page - Texas Instruments TPS73730DRBT Datasheet HTML 7Page - Texas Instruments TPS73730DRBT Datasheet HTML 8Page - Texas Instruments TPS73730DRBT Datasheet HTML 9Page - Texas Instruments TPS73730DRBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TABISGND
6
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
TPS737xx
SBVS067O – JANUARY 2006 – REVISED JUNE 2012
www.ti.com
PIN CONFIGURATIONS
DCQ PACKAGE
DRB PACKAGE
SOT223-6
3mm x 3mm SON
(TOP VIEW)
(TOP VIEW)
DRV PACKAGE(1)
2mm x 2mm SON
(TOP VIEW)
(1)
Power dissipation may limit operating range. Check Thermal Information table.
Table 1. Pin Descriptions
SOT223
3×3 SON
2×2 SON
PIN
(DCQ)
(DRB)
(DRV)
NAME
PIN NO.
PIN NO.
PIN NO.
DESCRIPTION
IN
1
8
6
Unregulated input supply
GND
3, 6
4, Pad
3, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts
the regulator into shutdown mode. Refer to the Shutdown section under
EN
5
5
4
Applications Information for more details. EN must not be left floating and can
be connected to IN if not used.
Fixed voltage versions only—connecting an external capacitor to this pin
NR
4
3
2
bypasses noise generated by the internal bandgap, reducing output noise to
very low levels.
Adjustable voltage version only—this is the input to the control loop error
FB
4
3
2
amplifier, and is used to set the output voltage of the device.
OUT
2
1
1
Regulator output. A 1.0
μF or larger capacitor of any type is required for stability.
NC
2, 6, 7
5
Not connected
6
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated


Numéro de pièce similaire - TPS73730DRBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73730DRBT TI-TPS73730DRBT Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73730DRBT TI-TPS73730DRBT Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73730DRBT TI1-TPS73730DRBT Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73730DRBT TI-TPS73730DRBT Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73730DRBT TI1-TPS73730DRBT Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Description similaire - TPS73730DRBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com