Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS797285DCKR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS797285DCKR
Description  Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS797285DCKR Fiches technique(HTML) 3 Page - Texas Instruments

  TPS797285DCKR Datasheet HTML 1Page - Texas Instruments TPS797285DCKR Datasheet HTML 2Page - Texas Instruments TPS797285DCKR Datasheet HTML 3Page - Texas Instruments TPS797285DCKR Datasheet HTML 4Page - Texas Instruments TPS797285DCKR Datasheet HTML 5Page - Texas Instruments TPS797285DCKR Datasheet HTML 6Page - Texas Instruments TPS797285DCKR Datasheet HTML 7Page - Texas Instruments TPS797285DCKR Datasheet HTML 8Page - Texas Instruments TPS797285DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPS797xx
www.ti.com
SLVS332H – MARCH 2001 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS
Over operating temperature range TJ = –40°C to +85°C, VIN = VOUT (typ) +0.5V or 2.0V, whichever is greater; IOUT = 0.5mA,
VSET, VEN = VIN, and COUT = 1.0μF, unless otherwise noted. Typical values are at TA = +25°C.
TPS797xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT = 3mA
1.8
5.5
VIN
Input voltage(1)
V
IOUT = 10mA
2
5.5
IOUT
Continuous output current(2)
0
50
mA
VOUT + 1V ≤ VIN ≤ 5.5V
VOUT
Output voltage accuracy(3)
–4
4
%
1mA < IOUT < 10mA
ΔVOUT% /
Line regulation(3)
VOUT + 1V ≤ VIN ≤ 5.5V
0.15
%/V
ΔVIN
ΔVOUT% /
Load regulation
1
μA < IOUT < 10mA
5
mV
ΔIOUT
TPS79730
110
200
Dropout voltage(4), IOUT = 10mA
VDO
mV
VIN = VOUT (NOM) – 0.1V
TPS79733
105
200
ISC
Output current limit
VOUT = 0V
190
300
mA
IGND
Ground pin current(3)
IOUT = 10mA
1.2
2
μA
Power-supply rejection ratio
f = 100Hz, COUT = 10μF,
PSRR
50
dB
(ripple rejection)
IOUT = 10mA
BW = 200kHz to 100kHz,
VN
Output noise voltage (TPS79718)
600
μVRMS
COUT = 10μF, IOUT = 10mA
VPG(MIN)
Minimum input voltage for valid PG
V(PG) ≥ 0.8V, IPG = 100μA
1.2
V
VIT
PG trip threshold voltage
VOUT increasing
90
%/VOUT
VIN = 1.4V, IPG = 30μA, IOUT =
VPG,LO
PG output low voltage
0.14
0.225
V
1mA
V(PG) = 5V, VIN = VOUT + 1.0V,
IPG,LKG
PG leakage current
0.1
nA
IOUT = 1mA
TJ
Operating junction temperature, TJ
–40
+85
°C
(1)
Minimum VIN = VOUT + VDO or the minimum value specified here, whichever is greater.
(2)
Continuous output current is limited by internal protection circuitry, but it is not recommended that the device operate above this
maximum for extended periods of time.
(3)
Minimum VIN is specified in note (1).
(4)
VDO is not measured for the TPS79718 because minimum VIN > 1.7V.
Copyright © 2001–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Numéro de pièce similaire - TPS797285DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS797-Q1 TI1-TPS797-Q1 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results

Description similaire - TPS797285DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
logo
Rohm
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com