Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61006DGS Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61006DGS
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61006DGS Fiches technique(HTML) 5 Page - Texas Instruments

  TPS61006DGS Datasheet HTML 1Page - Texas Instruments TPS61006DGS Datasheet HTML 2Page - Texas Instruments TPS61006DGS Datasheet HTML 3Page - Texas Instruments TPS61006DGS Datasheet HTML 4Page - Texas Instruments TPS61006DGS Datasheet HTML 5Page - Texas Instruments TPS61006DGS Datasheet HTML 6Page - Texas Instruments TPS61006DGS Datasheet HTML 7Page - Texas Instruments TPS61006DGS Datasheet HTML 8Page - Texas Instruments TPS61006DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
under-voltage lockout
An under-voltage lockout function prevents the device start-up if the supply voltage on VBAT is lower than
approximately 0.7 V. This undervoltage lockout function is implemented in order to prevent the malfunctioning
of the converter. When in operation and the battery is being discharged, the device automatically enters the
shutdown mode if the voltage on VBAT drops below approximately 0.7 V.
If the EN pin is hardwired to VBAT and if the voltage at VBAT drops temporarily below the UVLO threshold voltage,
the device switches off and does not start up again automatically, even if the supply voltage rises above 0.9 V.
The device starts up again only after a signal change from low to high on EN or if the battery voltage is completely
removed.
low Battery detector circuit (LBI and LBO)
The low-battery detector circuit is typically used to supervise the battery voltage and to generate an error flag
when the battery voltage drops below a user-set threshold voltage. The function is active only when the device
is enabled. When the device is disabled, the LBO pin is high impedance. The LBO pin goes active low when
the voltage on the LBI pin decreases below the set threshold voltage of 500 mV
±15 mV, which is equal to the
internal reference voltage. The battery voltage, at which the detection circuit switches, can be programmed with
a resistive divider connected to the LBI pin. The resistive divider scales down the battery voltage to a voltage
level of 500 mV, which is then compared to the LBI threshold voltage. The LBI pin has a built-in hysteresis of
10 mV. See the application section for more details about the programming of the LBI threshold.
If the low-battery detection circuit is not used, the LBI pin should be connected to GND (or to VBAT) and the LBO
pin can be left unconnected. Do not let the LBI pin float.
low-EMI switch
The device integrates a circuit which removes the ringing that typically appears on the SW-node when the con-
verter enters the discontinuous current mode. In this case, the current through the inductor ramps to zero and
the Schottky diode stops conducting. Due to remaining energy that is stored in parasitic components of the
diode, inductor, and switch, a ringing on the SW pin is induced. The integrated antiringing switch clamps this
voltage internally to VBAT and therefore dampens this ringing.
The antiringing switch is turned on by a comparator that monitors the voltage between SW and VOUT. This
voltage indicates when the diode is reverse biased. The ringing on the SW-node is damped to a large degree,
reducing the electromagnetic interference generated by the switching regulator to a very great extent.
adjustable output voltage (TPS61000 and TPS61007 only)
The accuracy of the internal voltage reference, the controller topology, and the accuracy of the external resistor
divider determine the accuracy of the adjustable output voltage versions. The reference voltage has an
accuracy of
±4% over line, load, and temperature. The controller switches between fixed frequency and
pulse-skip mode, depending on load current. This adds an offset to the output voltage that is equivalent to 1%
of VO. Using 1% accurate resistors for the feedback divider, a total accuracy of ±6% can be achieved over the
complete temperature and output current range. The TPS61007 is an improved adjustable output voltage
version. Ground shift in the feedback loop was eliminated by adding a separate ground pin for the feedback
resistor divider (FBGND).


Numéro de pièce similaire - TPS61006DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61006DGS TI-TPS61006DGS Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGS TI-TPS61006DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Description similaire - TPS61006DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com