Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61004DGSG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS61004DGSG4
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61004DGSG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS61004DGSG4 Datasheet HTML 4Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 5Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 6Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 7Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 8Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 9Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 10Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 11Page - Texas Instruments TPS61004DGSG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VBAT = 1.2 V, EN
= VBAT (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
Quiescent current drawn from power source
IO = 0 mA, VEN = VI,
VBAT
44
A
IQ
Quiescent current drawn from ower source
(current into VBAT and into VOUT)
IO 0 mA, VEN VI,
VO = 3.4 V
VOUT
6
µA
ISD
Shutdown current from power source
(current into VBAT and into VOUT)
VEN = 0 V
0.2
5
µA
VIL
EN low-level input voltage
0.2
×
VBAT
V
VIH
EN high-level input voltage
0.8
×
VBAT
V
EN input current
EN = GND or VBAT
0.1
1
µA
VIL
LBI low-level input voltage threshold
VLBI voltage decreasing
470
500
530
mV
LBI input hysteresis
10
mV
II
LBI input current
0.01
0.1
µA
VOL
LBO low-level output voltage
VLBI = 0 V, VO = 3.3 V, IOL = 50 µA
0.04
0.2
V
LBO output leakage current
VLBI = 650 mV, VLBO = 3.3 V
0.01
1
µA
IFB
FB input bias current (TPS61000, TPS61007 only)
VFB = 500 mV
0.01
0.1
µA
PARAMETER MEASUREMENT INFORMATION
List of Components:
IC1:
Only fixed output versions
(unless otherwise noted)
L1:
Coilcraft DO3308P–333
D1:
Motorola Schottky Diode
MBRM120LT3
CI:
Ceramic
CO: Ceramic
5
6
TPS6100x
9
8
1
10
3
2
7
4
SW
VBAT
LBI
NC/FBGND
EN
VOUT
LBO
FB
COMP
GND
Low Battery
Warning
R4
10 k
R3
ON
OFF
R2
R1
Ci
10
µF
L1
D1
C1
100 pF
C2
33 nF
Co
22
µF
33
µH
Figure 1. Circuit Used for Typical Characteristics Measurements


Numéro de pièce similaire - TPS61004DGSG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61004DGS TI-TPS61004DGS Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61004DGS TI-TPS61004DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Description similaire - TPS61004DGSG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com