Moteur de recherche de fiches techniques de composants électroniques |
|
TPS54615PWPG4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPS54615PWPG4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 24 page TPS54611, TPS54612 TPS54613, TPS54614 TPS54615, TPS54616 SLVS400C − AUGUST 2001 − REVISED APRIL 2005 3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT ™) Typical Size 6,6 mm X 9,8 mm FEATURES D 30-mΩ, 12-A Peak MOSFET Switches for High Efficiency at 6-A Continuous Output Source and Sink D 0.9-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V Fixed Output Voltage Devices With 1.0% Initial Accuracy D Internally Compensated for Easy Use and Minimal Component Count D Fast Transient Response D Wide PWM Frequency − Fixed 350 kHz, 550 kHz or Adjustable 280 kHz to 700 kHz D Load Protected by Peak Current Limit and Thermal Shutdown D Integrated Solution Reduces Board Area and Total Cost APPLICATIONS D Low-Voltage, High-Density Systems With Power Distributed at 5 V or 3.3 V D Point of Load Regulation for High Performance DSPs, FPGAs, ASICs and Microprocessors D Broadband, Networking and Optical Communications Infrastructure D Portable Computing/Notebook PCs DESCRIPTION The SWIFT™ family of dc/dc regulators, the TPS54611, TPS54612, TPS54613, TPS54614, TPS54615 and TPS54616 low-input voltage high-output current synchronous-buck PWM converters integrate all required active components. Included on the substrate are true, high-performance, voltage error amplifiers that provide high performance under transient conditions; an under-voltage-lockout circuit to prevent start-up until the input voltage reaches 3 V; an internally and externally set slow-start circuit to limit in-rush currents; and a power good output useful for processor/logic reset, fault signaling, and supply sequencing. The TPS54611−6 devices are available in a thermally enhanced 28-pin TSSOP (PWP) PowerPAD™ package, which eliminates bulky heatsinks. TI provides evaluation modules and the SWIFT™ designer software tool to aid in quickly achieving high-performance power supply designs to meet aggressive equipment development cycles. VIN PH BOOT PGND VSENSE Output AGND VBIAS Input TPS54614 SIMPLIFIED SCHEMATIC 50 55 60 65 70 75 80 85 90 95 100 01 2 3 456 Load Current − A EFFICIENCY AT 350 kHz PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. www.ti.com Copyright © 2001−2005, Texas Instruments Incorporated PowerPAD and SWIFT are trademarks of Texas Instruments. |
Numéro de pièce similaire - TPS54615PWPG4 |
|
Description similaire - TPS54615PWPG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |