Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5102IDBTR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS5102IDBTR
Description  DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5102IDBTR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS5102IDBTR Datasheet HTML 1Page - Texas Instruments TPS5102IDBTR Datasheet HTML 2Page - Texas Instruments TPS5102IDBTR Datasheet HTML 3Page - Texas Instruments TPS5102IDBTR Datasheet HTML 4Page - Texas Instruments TPS5102IDBTR Datasheet HTML 5Page - Texas Instruments TPS5102IDBTR Datasheet HTML 6Page - Texas Instruments TPS5102IDBTR Datasheet HTML 7Page - Texas Instruments TPS5102IDBTR Datasheet HTML 8Page - Texas Instruments TPS5102IDBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS5102
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
SLVS239 - SEPTEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
Vref (1.185 V)
The reference voltage is used to set the output voltage and the overvoltage protection (COMP).
Vref5 (5 V)
The internal linear voltage regulator is used for the high-side driver bootstrap voltage. Since the input voltage
range is from 4.5 V to 25 V, this feature offers a fixed voltage for the bootstrap voltage greatly simplifying the
drive design. It is also used for powering the low side driver. The tolerance is 6%.
5-V Switch
If the internal 5 V switch senses a 5-V input from REG5V_IN pin, the internal 5-V linear regulator will be
disconnected from the MOSFET drivers. The external 5 V will be used for both the low-side driver and the high
side bootstrap, thus increasing the efficiency.
PWM/SKIP
This pin is used to change between PWM and Skip mode. If the pin is lower than 0.5-V, the IC is in regular PWM
mode; if a minimum 2-V is applied to this pin, the IC works in Skip mode. In light load condition (<0.2 A), the
skip mode gives a short pulse to the low-side FET instead of a full pulse. By this control, switching frequency
is lowered, reducing switching loss; also the output capacitor energy discharging through the output inductor
and the low-side FET is prevented. Therefore, the IC can achieve high efficiency at light load conditions
(< 0.2 A).
err-amp
Each channel has its own error amplifier to regulate the output voltage of the synchronous-buck converter. It
is used in the PWM mode for the high output current condition (>0.2A). Voltage mode control is applied.
skip comparator
In Skip mode, each channel has its own hysteretic comparator to regulate the output voltage of the
synchronous-buck converter. The hysteresis is set internally and typically at 8.5 mV. The delay from the
comparator input to the driver output is typically 1.2
µs.
low-side driver
The low-side driver is designed to drive low-Rds(on) n-channel MOSFETs. The maximum drive voltage is 5 V
from Vref5. The current rating of the driver is typically 1 A, source and sink.
high-side driver
The high side driver is designed to drive low-Rds(on) n-channel MOSFETs. The current rating of the driver is
1 A, source and sink. When configured as a floating driver, the bias voltage to the driver is developed from Vref5,
limiting the maximum drive voltage between OUT_u and LL to 5 V. The maximum voltage that can be applied
between LHx and OUTGND is 30 V.
deadtime control
Deadtime prevents shoot–through current from flowing through the main power FETs during switching
transitions by actively controlling the turn-on time of the MOSFETs drivers. The typical deadtime from
low-side-driver-off to high-side-driver-on is 70 ns, and 85 ns from high-side-driver-off to low-side-driver-on.


Numéro de pièce similaire - TPS5102IDBTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBT TI-TPS51020DBT Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTG4 TI-TPS51020DBTG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTR TI-TPS51020DBTR Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
More results

Description similaire - TPS5102IDBTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com