Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2031DR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2031DR
Description  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2031DR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS2031DR Datasheet HTML 6Page - Texas Instruments TPS2031DR Datasheet HTML 7Page - Texas Instruments TPS2031DR Datasheet HTML 8Page - Texas Instruments TPS2031DR Datasheet HTML 9Page - Texas Instruments TPS2031DR Datasheet HTML 10Page - Texas Instruments TPS2031DR Datasheet HTML 11Page - Texas Instruments TPS2031DR Datasheet HTML 12Page - Texas Instruments TPS2031DR Datasheet HTML 13Page - Texas Instruments TPS2031DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
1
2
3
4
5
6
7
8
9
10
t − Time − ms
0
II(IN) (500 mA/div)
VI(EN)
II(IN)
RL = 10 Ω
TA = 25°C
VI(EN) (5 V/div)
470
µF
47
µF
150
µF
200 400 600 800 1000 1200 1400 1600 1800 2000
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (200 mA/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 7.9 Ω
TA = 25°C
TPS2030, TPS2031
TPS2032, TPS2033, TPS2034
SLVS190C – DECEMBER 1998 – REVISED OCTOBER 2007
Figure 10. TPS2033, Ramped Load on Enabled Device
Figure 11. TPS2034, Ramped Load on Enabled Device
Figure 12. TPS2034, Inrush Current
Figure 13. 7.9-
Ω Load Connected to an
Enabled TPS2030 Device
10
Submit Documentation Feedback
Copyright © 1998–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2030 TPS2031 TPS2032 TPS2033 TPS2034


Numéro de pièce similaire - TPS2031DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2031D TI-TPS2031D Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2031DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com