Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM07B-ZESS-TB Datasheet(Fiches technique) 4 Page - List of Unclassifed Manufacturers

Numéro de pièce SM07B-ZESS-TB
Description  1.5mm pitch/Disconnectable Crimp style connectors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM07B-ZESS-TB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SM07B-ZESS-TB Datenblatt HTML 1Page - List of Unclassifed Manufacturers SM07B-ZESS-TB Datenblatt HTML 2Page - List of Unclassifed Manufacturers SM07B-ZESS-TB Datenblatt HTML 3Page - List of Unclassifed Manufacturers SM07B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
ZE CONNECTOR
5.8
A
B
Circuit No.1 mark
1.2
1.5
5.8
A
B
Circuit No.1 mark
1.5
5.8
A
B
Circuit No.1 mark
1.5
5.8
A
B
Circuit No.1 mark
1.5
5.8
A
B
Circuit No.1 mark
1.2
1.5
5.8
A
B
Circuit No.1 mark
1.2
1.5
5.8
A
B
Circuit No.1 mark
1.2
5.8
A
B
Circuit No.1 mark
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SM02B-ZESS-TB
SM03B-ZESS -TB
SM04B-ZESS -TB
SM05B-ZESS -TB
SM06B-ZESS -TB
SM07B-ZESS -TB
SM08B-ZESS -TB
SM09B-ZESS -TB
SM10B-ZESS -TB
SM11B-ZESS -TB
SM12B-ZESS -TB
SM13B-ZESS -TB
SM14B-ZESS -TB
SM15B-ZESS -TB
SM16B-ZESS -TB
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
28.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
A
Circuits
Q’ty/
reel
Dimensions (mm)
Model No.
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Side entry type
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
BM02B-ZESS -TBT
BM03B-ZESS -TBT
BM04B-ZESS -TBT
BM05B-ZESS -TBT
BM06B-ZESS -TBT
BM07B-ZESS -TBT
BM08B-ZESS -TBT
BM09B-ZESS -TBT
BM10B-ZESS -TBT
BM11B-ZESS -TBT
BM12B-ZESS -TBT
BM13B-ZESS -TBT
BM14B-ZESS -TBT
BM15B-ZESS -TBT
BM16B-ZESS -TBT
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
28.5
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
A
Circuits
Q’ty/
reel
Dimensions (mm)
Model No.
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
Note: This products listed above are supplied on embossed-tape/with suction tape.
RoHS compliance This product displays (LF)(SN) on a label.
Note: This products listed above are supplied on embossed-tape/without suction tape.
Top entry type
Side entry type
SMT type shrouded header
〈2 circuits〉〈2 circuits〉
〈3 to 5 circuits〉
〈6 to 9 circuits〉
〈10 to 16 circuits〉
〈3 to 5 circuits〉
〈6 to 9 circuits〉
〈10 to 16 circuits〉
<For reference>
As the color identification, the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BM02B-ZESS-TBT, SM02B-ZESS-TB
S…natural Z…ivory E…blue LE…light blue
K…black TR…tomato red L…lemon yellow
DH…dark gray DP…dark purple DO…dark orange MG…moss green DRK…dark pink


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn