Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM07B-ZESS-TB Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce SM07B-ZESS-TB
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM07B-ZESS-TB Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  SM07B-ZESS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM07B-ZESS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM07B-ZESS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SM07B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ZE CONNECTOR
Contact
Housing
Circuit No.1 mark
A
5.7
B
1.5
5.7
A
B
Circuit No.1 mark
5.7
A
B
1.5
Circuit No.1 mark
Circuits
Model No.
Dimensions (mm)
A
B
Material
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
5.0
6.3
7.8
9.3
10.8
12.3
13.8
15.3
16.8
18.3
19.8
21.3
22.8
24.3
25.8
6,000
6,000
5,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,500
1,500
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ZER-02V-S
ZER-03V-S
ZER-04V-S
ZER-05V-S
ZER-06V-S
ZER-07V-S
ZER-08V-S
ZER-09V-S
ZER-10V-S
ZER-11V-S
ZER-12V-S
ZER-13V-S
ZER-14V-S
ZER-15V-S
ZER-16V-S
PBT, UL94V-0, natural
Q’ty/
bag
1.3
0.8
2.7
2.9
6.2
1.0
0.54
Material and Finish
Model No.
Applicable wire
Q’ty/
reel
mm2
AWG#
Insulation O.D.
(mm)
Copper alloy, tin-plated (reflow treatment)
SZE-002T-P0.3
SZE-003T-P0.3
26∼24
28∼26
0.13∼0.21
0.08∼0.13
1.0∼1.2
0.8∼1.0
16,000
16,000
RoHS compliance
RoHS compliance
A
B
1.5
5.7
Circuit No.1 mark
Contact
Crimping
machine
AP-K2N
AP-K2N
MKS-L
MKS-L
MK/SZE-002-03
MK/SZE-003-03
Applicator
Crimp applicator
Dies
APLMK SZE002-03
APLMK SZE003-03
Crimp applicator with dies
SZE-002T-P0.3
SZE-003T-P0.3
〈2 circuits〉〈3, 4 circuits〉
〈5 to 9 circuits〉〈10 to 16 circuits〉
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
ZER-02V-S
S…natural Z…ivory E…blue K…black O…orange R…red
Y…yellow M…green N…brown L…lemon yellow
TR…tomato red MG…moss green DP…dark purple
DH…dark gray DO…dark orange LE…light blue PK…pink
FY…vivid yellow DRK…dark pink


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn