Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM06B-ZESS-TB Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SM06B-ZESS-TB
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM06B-ZESS-TB Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SM06B-ZESS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM06B-ZESS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM06B-ZESS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SM06B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ZE CONNECTOR
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
〈2 to 5 circuits〉
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B03B-ZESK-D
B04B-ZESK-D
B05B-ZESK-D
B06B-ZESK-D
B07B-ZESK-D
B08B-ZESK-D
B09B-ZESK-D
B10B-ZESK-D
B11B-ZESK-D
B12B-ZESK-D
B13B-ZESK-D
B14B-ZESK-D
B15B-ZESK-D
B16B-ZESK-D
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
2,496
1,984
1,664
1,408
1,216
1,088
960
896
832
768
704
640
576
576
512
A
B02B-ZESK-1D
B03B-ZESK-1D
B04B-ZESK-1D
B05B-ZESK-1D
B06B-ZESK-1D
B07B-ZESK-1D
B08B-ZESK-1D
B09B-ZESK-1D
B10B-ZESK-1D
B11B-ZESK-1D
B12B-ZESK-1D
B13B-ZESK-1D
B14B-ZESK-1D
B15B-ZESK-1D
B16B-ZESK-1D
Circuits
Without boss
Dimensions (mm)
Model No.
With boss
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural
Q’ty/
box
RoHS compliance This product displays (LF)(SN) on a label.
Note: Top entry type 2 circuits is only header with boss.
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S02B-ZESK-2D
S03B-ZESK-2D
S04B-ZESK-2D
S05B-ZESK-2D
S06B-ZESK-2D
S07B-ZESK-2D
S08B-ZESK-2D
S09B-ZESK-2D
S10B-ZESK-2D
S11B-ZESK-2D
S12B-ZESK-2D
S13B-ZESK-2D
S14B-ZESK-2D
S15B-ZESK-2D
S16B-ZESK-2D
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
1,872
1,488
1,248
1,056
912
816
720
672
624
576
528
480
432
432
384
A
Circuits
Q’ty/
box
Dimensions (mm)
Model No.
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural
RoHS compliance This product displays (LF)(SN) on a label.
Top entry type
Side entry type
B
5.75
A
1.65
1.5
(0.65)
2
3.8
Circuit No.1 mark
B
5.75
A
1.65
1.5
(0.65)
2
3.8
Circuit No.1 mark
B
5.75
A
2
3.8
1.65
1.5
(0.65)
Circuit No.1 mark
Top entry type
Side entry type
〈2 to 5 circuits〉
〈6 to 9 circuits〉〈6 to 9 circuits〉
〈10 to 16 circuits〉〈10 to 16 circuits〉
Through-hole type shrouded header
<For reference>
As the color identification, the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-ZESK-1D, S02B-ZESK-2D
S…natural Z…ivory E…blue K…black O…orange R…red Y…yellow M…green N…brown L…lemon yellow
TR…tomato red MG…moss green DP…dark purple DH…dark gray DO…dark orange LE…light blue PK…pink FY…vivid yellow DRK…dark pink


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn