Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS70102PWP Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS70102PWP
Description  Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70102PWP Fiches technique(HTML) 2 Page - Texas Instruments

  TPS70102PWP Datasheet HTML 1Page - Texas Instruments TPS70102PWP Datasheet HTML 2Page - Texas Instruments TPS70102PWP Datasheet HTML 3Page - Texas Instruments TPS70102PWP Datasheet HTML 4Page - Texas Instruments TPS70102PWP Datasheet HTML 5Page - Texas Instruments TPS70102PWP Datasheet HTML 6Page - Texas Instruments TPS70102PWP Datasheet HTML 7Page - Texas Instruments TPS70102PWP Datasheet HTML 8Page - Texas Instruments TPS70102PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
1.8 V
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
TPS70151 PWP
5 V
3.3 V
I/O
MR1
Core
0.1
µF
RESET
10
µF
10
µF
0.1
µF
DSP
MR2
PG1
EN
250 k
>2 V
<0.7 V
250 k
>2 V
<0.7 V
>2 V
<0.7 V
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222D – DECEMBER 1999 – REVISED NOVEMBER 2004
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 170mV on
regulator 1) and is directly proportional to the output current. Additionally, since the PMOS pass element is a
voltage-driven device, the quiescent current is very low and independent of output loading (maximum of 230µA
over the full range of output current). This LDO family also features a sleep mode; applying a high signal to EN
(enable) shuts down both regulators, reducing the input current to 1µA at T
J = 25°C.
The device is enabled when the EN pin is connected to a low-level input voltage. The output voltages of the two
regulators are sensed at the V
SENSE1 and VSENSE2 pins, respectively.
The input signal at the SEQ pin controls the power-up sequence of the two regulators. When the device is
enabled and the SEQ terminal is pulled high or left open, V
OUT2 turns on first and VOUT1 remains off until VOUT2
reaches approximately 83% of its regulated output voltage. At that time V
OUT1 is turned on. If VOUT2 is pulled
below 83% (for example, an overload condition), V
OUT1 is turned off. Pulling the SEQ terminal low reverses the
power-up order and V
OUT1 is turned on first. The SEQ pin is connected to an internal pull-up current source.
For each regulator, there is an internal discharge transistor to discharge the output capacitor when the regulator
is turned off (disabled).
The PG1 pin reports the voltage conditions at V
OUT1, which can be used to implement an SVS for the circuitry
supplied by regulator 1.
The TPS701xx features a RESET (SVS, POR, or Power-On Reset). RESET output initiates a reset in DSP
systems and related digital applications in the event of an undervoltage condition. RESET indicates the status of
V
OUT2 and both manual reset pins (MR1 and MR2). When VOUT2 reaches 95% of its regulated voltage and MR1
and MR2 are in the logic high state, RESET goes to a high impedance state after a 120ms delay. RESET goes
to the logic low state when the V
OUT2 regulated output voltage is pulled below 95% (for example, an overload
condition) of its regulated voltage. To monitor V
OUT1, the PG1 output pin can be connected to MR1 or MR2.
The device has an undervoltage lockout (UVLO) circuit which prevents the internal regulators from turning on
until V
IN1 reaches 2.5V.
2


Numéro de pièce similaire - TPS70102PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS70102PWP TI-TPS70102PWP Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70102PWP TI1-TPS70102PWP Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70102PWP TI-TPS70102PWP Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70102PWPG4 TI1-TPS70102PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70102PWPG4 TI-TPS70102PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Description similaire - TPS70102PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com