Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCT1G14DBVR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCT1G14DBVR
Description  SINGLE SCHMITT-TRIGGER INVERTER GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT1G14DBVR Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AHCT1G14DBVR Datasheet HTML 1Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 2Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 3Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 4Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 5Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 6Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 7Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 8Page - Texas Instruments SN74AHCT1G14DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74AHCT1G14
www.ti.com
SCLS322P – MARCH 1996 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
Recommended
TA = 25°C
TA = –40°C to 85°C
TA = –40°C to
PARAMETER
TEST CONDITIONS
VCC
UNIT
125°C
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VT+
4.5 V
0.9
2
0.9
0.9
2.0
Positive-going
V
input threshold
5.5 V
1.1
2
1.1
1.1
2.0
voltage
VT–
4.5 V
0.5
1.6
0.5
0.5
1.6
Negative-going
V
input threshold
5.5 V
0.6
1.5
0.6
0.6
1.5
votlage
ΔVT
4.5 V
0.4
1.4
0.4
0.4
1.4
Hysteresis (VT+
V
5.5 V
0.5
1.6
0.4
0.5
1.6
VT–)
IOH = –50 mA
4.4
4.5
4.4
4.4
VOH
4.5 V
V
IOH = –8 mA
3.94
3.88
3.7
IOL = 50 mA
0.1
0.1
0.1
VOL
4.5 V
V
IOL = 8 mA
0.36
0.44
0.55
0 V to 5.5
II
VI = 5.5 V or GND
±0.1
±1
±1
µA
V
VI = VCC or
ICC
IO = 0
5.5 V
1
10
10
µA
GND,
Ci
VI = VCC or GND
5 V
2
10
10
10
pF
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
Recommended
TA = –40°C to
TA = 25°C
FROM
TO
OUTPUT
TA = –40°C to
85°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
125°C
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
4
7
1
8
1
9
A
Y
CL = 15 pF
ns
tPHL
4
7
1
8
1
9
tPLH
5.5
8
1
9
1
10
A
Y
CL = 50 pF
ns
tPHL
5.5
8
1
9
1
10
OPERATING CHARACTERISTICS
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
12
pF
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :SN74AHCT1G14


Numéro de pièce similaire - SN74AHCT1G14DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT1G14DBVR TI1-SN74AHCT1G14DBVR Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results

Description similaire - SN74AHCT1G14DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI1-SN74AHC1G14_15 Datasheet
1Mb / 23P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com