Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G14DBVTE4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74AHCT1G14DBVTE4
Description  SINGLE SCHMITT-TRIGGER INVERTER GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74AHCT1G14DBVTE4 Fiches technique(HTML) 4 Page - Texas Instruments

  74AHCT1G14DBVTE4 Datasheet HTML 1Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 2Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 3Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 4Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 5Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 6Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 7Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 8Page - Texas Instruments 74AHCT1G14DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH − 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN74AHCT1G14
SCLS322P – MARCH 1996 – REVISED JUNE 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output
control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output
control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf
≤ 3 ns.
D.
The outputs are measured one at a time with one input transition per measurement.
E.
All parameters and waveforms are not applicable to all devices.
Figure 1. Load Circuit and Voltage Waveforms
4
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links :SN74AHCT1G14


Numéro de pièce similaire - 74AHCT1G14DBVTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AHCT1G14DBVTE4 TI1-74AHCT1G14DBVTE4 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results

Description similaire - 74AHCT1G14DBVTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI1-SN74AHC1G14_15 Datasheet
1Mb / 23P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com