Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS6755IDR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS6755IDR
Description  ADJUSTABLE INVERTING DC/DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6755IDR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS6755IDR Datasheet HTML 1Page - Texas Instruments TPS6755IDR Datasheet HTML 2Page - Texas Instruments TPS6755IDR Datasheet HTML 3Page - Texas Instruments TPS6755IDR Datasheet HTML 4Page - Texas Instruments TPS6755IDR Datasheet HTML 5Page - Texas Instruments TPS6755IDR Datasheet HTML 6Page - Texas Instruments TPS6755IDR Datasheet HTML 7Page - Texas Instruments TPS6755IDR Datasheet HTML 8Page - Texas Instruments TPS6755IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPS6755
ADJUSTABLE INVERTING DC/DC CONVERTER
SLVS155A – NOVEMBER 1996 REVISED DECEMBER 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SS clamp
The SS clamp circuit limits the signal level on error-amplifier output during start-up. The voltage on SS is
amplified and used to override the error-amplifier output until the error-amplifier voltage rises above that output,
at which point the error amplifier takes over. This prevents the input to the PWM comparator from exceeding
its common-mode range (i.e., error amplifier output too high to be reached by the current ramp) by limiting the
maximum voltage on the error-amplifier output during start-up.
Soft start causes the output voltage to increase to the regulation point at the controlled rate. The voltage on the
charging soft-start capacitor gradually raises the clamp on the error amplifier output voltage, limiting surge
currents at power up by increasing the current limit threshold on a cycle-by-cycle basis. A soft-start cycle is
initiated when either the enable (EN) signal is switched high or an overcurrent fault condition triggers the
discharge of the soft-start capacitor.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
P
1175 mW
9.4 mW/
°C
752 mW
611 mW
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Pin voltages: VCC (see Note 1)
–0.3 V to 9 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUT to VCC
12.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FB (see Note 1)
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SS, COMP, EN voltage range (see Note 1)
–0.3 V to VCC +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Peak switch current
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference current
2.5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperture range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6mm (1/16 inch) from case for 10 s
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network terminal ground.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage
2.7
9
V
Decoupling capacitor
1
µF
Input capacitor
47
µF
Reference capacitor
10
µF
Output capacitor
100
µF
Compensation capacitor
82
pF
Inductor
10
µH


Numéro de pièce similaire - TPS6755IDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
TPS6755 TI-TPS6755 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS6755D TI-TPS6755D Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
TPS6755P TI-TPS6755P Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
More results

Description similaire - TPS6755IDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
   HIGH-VOLTAGE INVERTING DC-DC CONVERTER
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
   Inverting Micropower DC/DC Converter with Schottky
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com