Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040BIM3X-2.5 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4040BIM3X-2.5
Description  LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040BIM3X-2.5 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM4040BIM3X-2.5 Datasheet HTML 7Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 8Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 9Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 10Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 11Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 12Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 13Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 14Page - Texas Instruments LM4040BIM3X-2.5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
LM4040-N, LM4040Q-N
www.ti.com
SNOS633H – OCTOBER 2000 – REVISED APRIL 2013
3.0-V LM4040-N Electrical Characteristics
VR Tolerance Grades 'A' and 'B'; Temperature Grade 'I'
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A and B designate initial
Reverse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively.
LM4040AIM3
LM4040BIM3
LM4040AIZ
LM4040BIZ
Symbol
Parameter
Conditions
Typical(1)
Units
LM4040BIM7
Limits(2)
Limits(2)
Reverse Breakdown Voltage
IR = 100 μA
3.000
V
VR
±3.0
±6.0
mV (max)
Reverse Breakdown Voltage
IR = 100 μA
Tolerance(3)
±22
±26
mV (max)
47
μA
IRMIN
Minimum Operating Current
62
62
μA (max)
67
67
μA (max)
IR = 10 mA
±20
ppm/°C
Average Reverse Breakdown
ΔVR/ΔT
Voltage Temperature
IR = 1 mA
±15
±100
±100
ppm/°C (max)
Coefficient(3)
IR = 100 μA
±15
ppm/°C
0.6
mV
IRMIN ≤ IR ≤ 1 mA
0.8
0.8
mV (max)
Reverse Breakdown Voltage
1.1
1.1
mV (max)
ΔVR/ΔIR Change with Operating
2.7
mV
Current Change(4)
1 mA
≤ IR ≤ 15 mA
6.0
6.0
mV (max)
9.0
9.0
mV (max)
0.4
Ω
IR = 1 mA, f = 120 Hz,
ZR
Reverse Dynamic Impedance
IAC = 0.1 IR
0.9
0.9
Ω (max)
IR = 100 μA
eN
Wideband Noise
35
μVrms
10 Hz
≤ f ≤ 10 kHz
t = 1000 hrs
Reverse Breakdown Voltage
ΔVR
T = 25°C ±0.1°C
120
ppm
Long Term Stability
IR = 100 μA
VHYST
Thermal Hysteresis(5)
ΔT = −40°C to +125°C
0.08
%
(1)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(2)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(3)
The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse
Breakdown Voltage Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum
difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total over-
temperature tolerance for the different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total over-temperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown
below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an over-temperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4040-N LM4040Q-N


Numéro de pièce similaire - LM4040BIM3X-2.5

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4040BIM3X-2.5 NSC-LM4040BIM3X-2.5 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040BIM3X-2.5 NSC-LM4040BIM3X-2.5 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040BIM3X-2.5 TI1-LM4040BIM3X-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040BIM3X-2.5 TI1-LM4040BIM3X-2.5 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4040BIM3X-2.5/NOPB TI1-LM4040BIM3X-2.5/NOPB Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Description similaire - LM4040BIM3X-2.5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com