Moteur de recherche de fiches techniques de composants électroniques |
|
LM2574M-5.0 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
LM2574M-5.0 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 35 page LM2574, LM2574HV www.ti.com SNVS104C – JUNE 1999 – REVISED APRIL 2013 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Maximum Supply Voltage LM2574 45V LM2574HV 63V ON /OFF Pin Input Voltage −0.3V ≤ V ≤ +VIN Output Voltage to Ground (Steady State) −1V Minimum ESD Rating (C = 100 pF, R = 1.5 k Ω) 2 kV Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering, 10 seconds) 260°C Maximum Junction Temperature 150°C Power Dissipation Internally Limited (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the LM2574-3.3, LM2574HV-3.3 Electrical Characteristics. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications. Operating Ratings Temperature Range LM2574/LM2574HV −40°C ≤ TJ ≤ +125°C Supply Voltage LM2574 40V LM2574HV 60V LM2574-3.3, LM2574HV-3.3 Electrical Characteristics Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range. Symbol Parameter Conditions LM2574-3.3 Units LM2574HV-3.3 (Limits) Typ Limit (1) SYSTEM PARAMETERS Test Circuit in Figure 23 and Figure 24,(2) VOUT Output Voltage VIN = 12V, ILOAD = 100 mA 3.3 V 3.234 V(Min) 3.366 V(Max) VOUT Output Voltage 4.75V ≤ VIN ≤ 40V, 0.1A ≤ ILOAD ≤ 0.5A 3.3 V LM2574 3.168/3.135 V(Min) 3.432/3.465 V(Max) VOUT Output Voltage 4.75V ≤ VIN ≤ 60V, 0.1A ≤ ILOAD ≤ 0.5A 3.3 3.168/3.135 V(Min) LM2574HV 3.450/3.482 V(Max) η Efficiency VIN = 12V, ILOAD = 0.5A 72 % (1) All limits specified at room temperature (Standard type face) and at temperature extremes (bold type face). All room temperature limits are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level. (2) External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the LM2574 is used as shown in the Figure 24 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM2574 LM2574HV |
Numéro de pièce similaire - LM2574M-5.0 |
|
Description similaire - LM2574M-5.0 |