Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3532 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM3532
Description  LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3532 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM3532_13 Datasheet HTML 6Page - Texas Instruments LM3532_13 Datasheet HTML 7Page - Texas Instruments LM3532_13 Datasheet HTML 8Page - Texas Instruments LM3532_13 Datasheet HTML 9Page - Texas Instruments LM3532_13 Datasheet HTML 10Page - Texas Instruments LM3532_13 Datasheet HTML 11Page - Texas Instruments LM3532_13 Datasheet HTML 12Page - Texas Instruments LM3532_13 Datasheet HTML 13Page - Texas Instruments LM3532_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
0.10
0.15
0.20
0.25
0.30
0.35
0.40
31
30
29
28
27
26
25
24
23
22
21
20
19
VHR (V)
25°C
85°C
-40°C
LM3532
SNVS653D – JULY 2011 – REVISED JUNE 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, LEDs (VF = 3.2V@20 mA, TA = 25°C), COUT = 1µF, CIN = 2.2 µF, L = Coilcraft LPS4018 (10 µH or 22 µH), TA =
+25°C unless otherwise specified.
LED Current vs Headroom Voltage
Figure 26.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3532


Numéro de pièce similaire - LM3532_13

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3532TME-40ANOPB TI1-LM3532TME-40ANOPB Datasheet
1Mb / 45P
[Old version datasheet]   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TMX-40ANOPB TI1-LM3532TMX-40ANOPB Datasheet
1Mb / 45P
[Old version datasheet]   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
More results

Description similaire - LM3532_13

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
[Old version datasheet]   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
   High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2023
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Vishay Siliconix
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com