Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317AT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM317AT
Description  LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM317AT Fiches technique(HTML) 2 Page - Texas Instruments

  LM317AT Datasheet HTML 1Page - Texas Instruments LM317AT Datasheet HTML 2Page - Texas Instruments LM317AT Datasheet HTML 3Page - Texas Instruments LM317AT Datasheet HTML 4Page - Texas Instruments LM317AT Datasheet HTML 5Page - Texas Instruments LM317AT Datasheet HTML 6Page - Texas Instruments LM317AT Datasheet HTML 7Page - Texas Instruments LM317AT Datasheet HTML 8Page - Texas Instruments LM317AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LM117, LM317-N
SNVS774L – MAY 2004 – REVISED FEBRUARY 2011
www.ti.com
Typical Applications
Figure 1. 1.2V–25V Adjustable Regulator
LM117/LM317A/LM317-N Package Options
Output
Part Number
Suffix
Package
Current
LM117, LM317-N
NDS
TO-3
1.5A
LM317A, LM317-N
NDE
TO-220
1.5A
LM317-N
KTT
TO-263
1.5A
LM317A, LM317-N
DCY
SOT-223
1.0A
LM117, LM317A, LM317-N
NDT
TO
0.5A
LM117
NAJ
LCCC
0.5A
LM317A, LM317-N
NDP
PFM
0.5A
Full output current not available at high
SOT-223 vs. PFM Packages
input-output voltages
*Needed if device is more than 6 inches
from filter capacitors.
†Optional—improves transient response.
Output capacitors in the range of 1
μF to
1000
μF of aluminum or tantalum
electrolytic are commonly used to provide
improved output impedance and rejection
of transients.
Figure 2. Scale 1:1
Connection Diagrams
TO-3 (NDS)
Figure 5. TO-263 (KTT)
Metal Can Package
Surface-Mount Package
Figure 6. Top View
CASE IS OUTPUT
Figure 3. Bottom View
TO-263 (KTT)
Surface-Mount Package
Bottom View
Package Number NDS or K
TO (NDT)
Figure 7. Side View
Metal Can Package
Package Number KTT
CASE IS OUTPUT
Figure 4. Bottom View
Package Number NDT
2
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N


Numéro de pièce similaire - LM317AT

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM317AT NSC-LM317AT Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM317AT NSC-LM317AT Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317AT TI1-LM317AT Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AT TI1-LM317AT Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AT/NOPB TI1-LM317AT/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
More results

Description similaire - LM317AT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H TI1-LM117H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AEMP TI1-LM317AEMP Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317 TI-LM317_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM317 3-Terminal Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
First Components Intern...
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com