Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM75A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM75A
Description  LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM75A Fiches technique(HTML) 3 Page - Texas Instruments

  LM75A Datasheet HTML 1Page - Texas Instruments LM75A Datasheet HTML 2Page - Texas Instruments LM75A Datasheet HTML 3Page - Texas Instruments LM75A Datasheet HTML 4Page - Texas Instruments LM75A Datasheet HTML 5Page - Texas Instruments LM75A Datasheet HTML 6Page - Texas Instruments LM75A Datasheet HTML 7Page - Texas Instruments LM75A Datasheet HTML 8Page - Texas Instruments LM75A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM75A
www.ti.com
SNOS808O – JANUARY 2000 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage Pin (+VS)
−0.3V to 6.5V
Voltage at A0, A1and A2 Pins
−0.3V to (+VS + 0.3V) and must be ≤ 6.5V
Voltage at OS, SCL and SDA Pins
−0.3V to 6.5V
Input Current at any Pin(2)
5 mA
Package Input Current(2)
20 mA
Storage Temperature
−65°C to +150°C
Human Body Model
2500V
ESD Susceptibility(3)
LM75A
Machine Model
250V
Charged Device Model
1000V
O.S. Output Sink Current
10 mA
O.S. Output Voltage
6.5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to
5mA. The 20mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 5mA to four.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor. Machine model, 200pF discharged directly into each pin. The Charged
Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through some
triboelectric (frictional) or electrostatic induction processes and then abruptly touches a grounded object or surface.
OPERATING RATINGS
Specified Temperature Range (TMIN to TMAX)
(1)
−55°C to +125°C
Supply Voltage Range (+VS) LM75A
+2.7V to +5.5V
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(2)
(1)
LM75A
θJA (thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2oz. foil similar to the one shown in
Figure 2 is summarized in the table below the Operating Ratings table.
(2)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
TI Package
Thermal
Device Number
Number
Resistance (
θJA)
LM75AIM
D0008A
200°C/W
LM75AIMM
DGK0008A
250°C/W
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM75A


Numéro de pièce similaire - LM75A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
LM75AD PHILIPS-LM75AD Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD NXP-LM75AD Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

Description similaire - LM75A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com