Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ5-CE003L6 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce DZ5-CE003L6
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DZ5-CE003L6 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DZ5-CE003L6 Datasheet HTML 2Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 3Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 4Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 5Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 6Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 7Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 8Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 9Page - List of Unclassifed Manufacturers DZ5-CE003L6 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DZ5 Cable Ends
Ordering Information
© 1998 Square D All Rights Reserved
8
09/98
Marking Accessories for Cables and Cable Ends With Marker Attachment
Description
Sold in
lots of
Catalog Number
Weight per lot
in kg (lb)
Adjustable collar type marker holder
for 14 to 2 AWG cables
100
AR1SC01
0.100 (0.221)
Clip-on marker tag a
for cables 1 to 1.5 mm2
100
AR1SC02
0.100 (0.221)
Clip-in marker tag a
for cable ends with holder
100
AR1SC03
0.100 (0.221)
Wallets of 200 markers
for DZ5-CA cable ends
and clip-on marker tags l
Letters c
1 set
AR1MB01
0.310 (0.683)
1 card
AR1MB01 p
0.010 (0.022)
Numbers f
1 set
AR1MA01
0.150 (0.331)
1 card
AR1MA01 e
0.010 (0.022)
Markers
conforming to NF C 93-011
color coding
200
AR1MC01 s
0.010 (0.022)
a
For rapid clip-on mounting of up to 7 AR1M••• markers.
c
A to Z (200 of each).
f
0 to 9 (200 of each).
l
Each set also includes 400 earth markers (200 Green and 200 Yellow), 200 “+” symbols, 200 “-” symbols and a marker positioning
tool.
p
Complete the catalog number with the required letter. A card of 200 yellow markers with black letters is provided.
e
Complete the catalog number with the required number. A card of 200 yellow markers with black numbers is provided.
s
Complete the catalog number by indicating the color required:
Number
1234567890
Marker Color
Brown
Red
Orange Yellow
Green
Blue
Violet
Grey
White
Black
Number Color
White
Black
Black
Black
Black
Black
Black
Black
Black
White
AR1SC01
AR1SC02
AR1SC03
AR1MA01, AR1MB01
AR1MC01•


Numéro de pièce similaire - DZ5-CE003L6

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
DZ5-CE007 ETC2-DZ5-CE007 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
More results

Description similaire - DZ5-CE003L6

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
2247 POMONA-2247 Datasheet
30Kb / 1P
   Miniature Double Banana Plug Both Ends Cable Assembly
2239 POMONA-2239 Datasheet
33Kb / 1P
   Single Stacking Banana Plugs Both Ends Cable Assembly
5223 POMONA-5223 Datasheet
25Kb / 1P
   Triaxial Cable Assembly Male Both Ends, 3 Lug
4813 POMONA-4813 Datasheet
22Kb / 1P
   Cable Assembly, Microware Right Angle SMA (Male) Both Ends
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Tensility International...
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com