Moteur de recherche de fiches techniques de composants électroniques |
|
74AC11000DE4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
74AC11000DE4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 13 page www.ti.com FEATURES 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1A 1Y 2Y GND GND 3Y 4Y 4B 1B 2A 2B VCC VCC 3A 3B 4A D OR N PACKAGE (TOP VIEW) DESCRIPTION 1 1A 16 1B 1Y 2 15 2A 14 2B 2Y 3 11 3A 10 3B 3Y 6 9 4A 8 4B 4Y 7 & 74AC11000 QUADRUPLE 2-INPUT POSITIVE-NAND GATE SCLS054B – APRIL 1987 – REVISED JUNE 2005 • Center-Pin VCC and GND Configurations Minimize High-Speed Switching Noise • EPIC™ (Enhanced-Performance Implanted CMOS) 1- µm Process • 500-mA Typ Latch-Up Immunity at 125 °C • Package Options Include Plastic Small-Outline (D) Packages and Standard Plastic 300-mil DIPs (N) This device contains four independent 2-input NAND gates. It performs the Boolean function Y = A • B or Y = A + B in positive logic. The 74AC11000 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (EACH GATE) INPUTS OUTPUT Y A B H H L L X H X L H LOGIC SYMBOL(1) (1) This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1987–2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - 74AC11000DE4 |
|
Description similaire - 74AC11000DE4 |