Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6806-EVALZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADRF6806-EVALZ
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6806-EVALZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADRF6806-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 12Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 13Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 14Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 11 of 36
–30
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
RF FREQUENCY (MHz)
Figure 16. RF Input Return Loss vs. RF Frequency,
Measured Through ADTL2-18 2-to-1 Input Balun
–30
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
LO OUTPUT FREQUENCY (MHz)
Figure 17. LO Output Return Loss vs. LO Output Frequency,
LO Output Enabled (350 MHz to 1050 MHz)
60
85
110
135
160
185
210
235
260
LO FREQUENCY (MHz)
3.3V SUPPLY
5V SUPPLY
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 18. 5 V and 3.3 V Supply Currents vs. LO Frequency,
LO Output Disabled
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
LPEN = 0
LPEN = 1
Figure 19. VPTAT vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
350
370
390
410
430
450
470
490
510
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 20. VTUNE vs. LO Frequency


Numéro de pièce similaire - ADRF6806-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
More results

Description similaire - ADRF6806-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
ADRF6801 AD-ADRF6801 Datasheet
1Mb / 36P
   750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com