Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8011ANZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8011ANZ
Description  300 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8011ANZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8011ANZ Datasheet HTML 3Page - Analog Devices AD8011ANZ Datasheet HTML 4Page - Analog Devices AD8011ANZ Datasheet HTML 5Page - Analog Devices AD8011ANZ Datasheet HTML 6Page - Analog Devices AD8011ANZ Datasheet HTML 7Page - Analog Devices AD8011ANZ Datasheet HTML 8Page - Analog Devices AD8011ANZ Datasheet HTML 9Page - Analog Devices AD8011ANZ Datasheet HTML 10Page - Analog Devices AD8011ANZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. C
AD8011
–7–
4
3
2
1
0
–2
–3
–4
1
10
100
500
FREQUENCY (MHz)
–1
5
–5
G = +10
RF = 500
G = +2
RF = 1k
G = +1
RF = 1k
VS = +5V OR 5V
VOUT = 200mV p-p
TPC 13. Frequency Response; G = +1, +2, +10;
VS = +5 V or
±5 V
1
0
–2
–3
–4
1
10
100
500
FREQUENCY (MHz)
–1
2
–5
–6
–7
–8
G = –10
RF = 500
RL = 1k
VS = +5V OR 5V
VOUT = 200mV p-p
G = –1
RF = 1k
RL = 1k
TPC 14. Frequency Response; G = –1, –10;
VS = +5 V or
±5 V
–10
–15
–20
–25
–30
–40
–45
–50
0.1
1
10
100
FREQUENCY (MHz)
–35
–55
–60
VS = +5V OR 5V
G = +2
TPC 15. CMRR vs. Frequency; VS = +5 V or
±5 V
t = 0
0.1%
5ns
G = +2
RF = 1K
2V STEP
TPC 16. Short-Term Settling Time; VS = +5 V or
±5 V
t = 0
0.1%
100ns
G = +2
RF = 1k
2V STEP
TPC 17. Long-Term Settling Time; VS = +5 V or
±5 V
10
0
–10
–20
–30
–50
–60
–70
100k
1M
10M
100M
500M
FREQUENCY (Hz)
–40
–80
–90
VS = +5V OR 5V
G = +2
RF = 1k
+PSRR
–PSRR
TPC 18. PSRR vs. Frequency; VS = +5 V or
±5 V


Numéro de pièce similaire - AD8011ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8011AN AD-AD8011AN Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AN AD-AD8011AN Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AN AD-AD8011AN Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
More results

Description similaire - AD8011ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com