Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD558JPZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD558JPZ
Description  DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD558JPZ Fiches technique(HTML) 6 Page - Analog Devices

  AD558JPZ Datasheet HTML 1Page - Analog Devices AD558JPZ Datasheet HTML 2Page - Analog Devices AD558JPZ Datasheet HTML 3Page - Analog Devices AD558JPZ Datasheet HTML 4Page - Analog Devices AD558JPZ Datasheet HTML 5Page - Analog Devices AD558JPZ Datasheet HTML 6Page - Analog Devices AD558JPZ Datasheet HTML 7Page - Analog Devices AD558JPZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD558
REV. A
–6–
tW
2.0V
2.0V
0.8V
0.8V
tDS
tDH
DATA
INPUTS
CS OR CE
tSETTLING
1/2 LSB
DAC
V OUTPUT
tW = STORAGE PULSE WIDTH = 200ns MIN
t
DH = DATA HOLD TIME = 10ns MIN
t
DS = DATA SETUP TIME = 200ns MIN
t
SETTLING = DAC OUTPUT SETTLING TIME TO ±1/2 LSB
Figure 7. AD558 Timing
USE OF VOUT SENSE
Separate access to the feedback resistor of the output amplifier
allows additional application versatility. Figure 8a shows how
I
× R drops in long lines to remote loads may be cancelled by
putting the drops “inside the loop.” Figure 8b shows how the
separate sense may be used to provide a higher output current
by feeding back around a simple current booster.
15
16
AD558
12
13
VOUT
14
RL
GND
GAIN
SELECT
SENSE
VOUT
VOUT
0V TO +10V
a. Compensation for I
× R Drops in Output Lines
15
16
AD558
12
13
VOUT
RL
GND
GAIN
SELECT
SENSE
VOUT
VOUT
0V TO +2.56V
VCC
2N2222
14
b. Output Current Booster
Figure 8. Use of VOUT Sense
OPTIMIZING SETTLING TIME
In order to provide single-supply operation and zero-based
output voltage ranges, the AD558 output stage has a passive
“pull-down” to ground. As a result, settling time for negative
going output steps may be longer than for positive-going output
steps. The relative difference depends on load resistance and
capacitance. If a negative power supply is available, the
negative-going settling time may be improved by adding a pull-
down resistor from the output to the negative supply as shown
in Figure 9. The value of the resistor should be such that, at
zero voltage out, current through that resistor is 0.5 mA max.
BIPOLAR OUTPUT RANGES
The AD558 was designed for operation from a single power
supply and is thus capable of providing only unipolar (0 V to
+2.56 V and 0 V to 10 V) output ranges. If a negative supply is
15
16
AD558
VOUT
RL
SENSE
VOUT
VEE
NEGATIVE
SUPPLY
RP-D = 2x VEE
(in k
Ω)
Figure 9. Improved Settling Time
available, bipolar output ranges may be achieved by suitable
output offsetting and scaling. Figure 10 shows how a
±1.28 volt
output range may be achieved when a –5 volt power supply is
available. The offset is provided by the AD589 precision 1.2 volt
reference which will operate from a +5 volt supply. The AD544
output amplifier can provide the necessary
±1.28 volt output
swing from
±5 volt supplies. Coding is complementary offset
binary.
14
15
16
AD558
12
13
AD589
AD544
0.01
µF
0.01
µF
0.01
µF
–5V
–1.2V
4.7k
5k
4.53k
–5V
INPUT CODE
V
OUT
00000000
+128V
10000000
0V
11111111
–1.27V
1.5k
V
O
+1.28 TO
–1.27
5k
+5V
500
BIPOLAR
OFFSET
ADJUST
V
IN
V
OUT = 0V TO +2.56V
Figure 10. Bipolar Operation of AD558 from
±5 V Supplies
MEASURING OFFSET ERROR
One of the most commonly specified endpoint errors associated
with real-world nonideal DACs is offset error.
In most DAC testing, the offset error is measured by applying
the zero-scale code and measuring the output deviation from 0
volts. There are some DACs, like the AD558 where offset errors
may be present but not observable at the zero scale, because of
other circuit limitations (such as zero coinciding with single-
supply ground) so that a nonzero output at zero code cannot be
read as the offset error. Factors like this make testing the
AD558 a little more complicated.
By adding a pulldown resistor from the output to a negative
supply as shown in Figure 11, we can now read offset errors
at zero code that may not have been observable due to circuit
limitations. The value of the resistor should be such that, at zero
voltage out, current through the resistor is 0.5 mA max.
OUTPUT
AMP
16
15
14
13
AGND
VOUT SELECT
VOUT SENSE
VOUT
–V
0.5mA
a. 0 V to 2.56 V Output Range


Numéro de pièce similaire - AD558JPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD558JPZ AD-AD558JPZ Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
AD558JPZ-REEL AD-AD558JPZ-REEL Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
AD558JPZ-REEL7 AD-AD558JPZ-REEL7 Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
More results

Description similaire - AD558JPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD557 AD-AD557 Datasheet
238Kb / 4P
   DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
REV. A
AD558 AD-AD558 Datasheet
334Kb / 8P
   DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. A
AD558KNZ AD-AD558KNZ Datasheet
839Kb / 8P
   DACPORT Low Cost, Complete UP-Compatible 8-Bit DAC
REV. A
AD557 AD-AD557_15 Datasheet
560Kb / 6P
   DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. B
AD558 AD-AD558_15 Datasheet
839Kb / 8P
   DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. A
AD558TD AD-AD558TD Datasheet
839Kb / 8P
   DACPORT Low Cost Complete UP-Compatible 8-Bit DAC
REV. A
AD558JNZ AD-AD558JNZ Datasheet
839Kb / 8P
   DACPORT LOW COST, COMPLETE P-COMPATIBLE 8-BIT DAC
REV. A
AD557JNZ AD-AD557JNZ Datasheet
560Kb / 6P
   DACPORT Low Cost, Complete 關P-Compatible 8-Bit DAC
REV. B
AD557 AD-AD557_01 Datasheet
108Kb / 6P
   a DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. B
AD558 AD-AD558_17 Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com