Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1032M Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FIN1032M
Description  3.3V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1032M Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FIN1032M Datasheet HTML 1Page - Fairchild Semiconductor FIN1032M Datasheet HTML 2Page - Fairchild Semiconductor FIN1032M Datasheet HTML 3Page - Fairchild Semiconductor FIN1032M Datasheet HTML 4Page - Fairchild Semiconductor FIN1032M Datasheet HTML 5Page - Fairchild Semiconductor FIN1032M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 6: fMAX Criteria: Input tR = tF < 1 ns, VID = 300 mV, (1.05V to 1.35V pp), 50% duty cycle; Output duty cycle 40% to 60%, VOL < 0.5V, VOH > 2.4V.
All channels switching in phase.
Note A: All input pulses have frequency
= 10MHz, t
R or tF = 1ns
Note B: CL includes all probe and jig capacitances
FIGURE 1. Differential Receiver Voltage Definitions and Propagation Delay and Transition Time Test Circuit
TABLE 1. Receiver Minimum and Maximum Input Threshold Test Voltages
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLH
Propagation Delay LOW-to-HIGH
1.0
2.5
ns
tPHL
Propagation Delay HIGH-to-LOW
1.0
2.5
ns
tTLH
Output Rise Time (20% to 80%)
|VID| = 400 mV, CL = 10 pF,
0.7
1.2
ns
tTHL
Output Fall Time (80% to 20%)
RL = 1kΩ
0.7
1.2
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
See Figure 1 and Figure 2
0.4
ns
tSK(LH)
Channel-to-Channel Skew
0.3
ns
tSK(HL)
(Note 4)
tSK(PP)
Part-to-Part Skew (Note 5)
1.0
ns
fMAX
Maximum Operating Frequency
RL = 1kΩ, CL = 10 pF,
200
325
MHz
(Note 6)
see Figure 1 and Figure 2
tZH
LVTTL Output Enable Time from Z to HIGH
5.0
ns
tZL
LVTTL Output Enable Time from Z to LOW
RL = 1kΩ, CL = 10 pF,
5.0
ns
tHZ
LVTTL Output Disable Time from HIGH to Z
See Figure 3 and Figure 4
5.0
ns
tLZ
LVTTL Output Disable Time from LOW to Z
5.0
ns
Applied Voltages (V)
Resulting Differential Input
Resulting Common Mode Input
Voltage (mA)
Voltage (V)
VIA
VIB
VID
VIC
1.25
1.15
100
1.2
1.15
1.25
−100
1.2
2.4
2.3
100
2.35
2.3
2.4
−100
2.35
0.1
0
100
0.05
00.1
−100
0.05
1.5
0.9
600
1.2
0.9
1.5
−600
1.2
2.4
1.8
600
2.1
1.8
2.4
−600
2.1
0.6
0
600
0.3
00.6
−600
0.3


Numéro de pièce similaire - FIN1032M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FIN1032M ONSEMI-FIN1032M Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1032MTC ONSEMI-FIN1032MTC Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results

Description similaire - FIN1032M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com