Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1022M Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FIN1022M
Description  2 X 2 LVDS High Speed Crosspoint Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1022M Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN1022M Datasheet HTML 2Page - Fairchild Semiconductor FIN1022M Datasheet HTML 3Page - Fairchild Semiconductor FIN1022M Datasheet HTML 4Page - Fairchild Semiconductor FIN1022M Datasheet HTML 5Page - Fairchild Semiconductor FIN1022M Datasheet HTML 6Page - Fairchild Semiconductor FIN1022M Datasheet HTML 7Page - Fairchild Semiconductor FIN1022M Datasheet HTML 8Page - Fairchild Semiconductor FIN1022M Datasheet HTML 9Page - Fairchild Semiconductor FIN1022M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
Required Specifications (Continued)
FIGURE 7. LVTTL Input to LVDS Output AC Waveforms
Note A: All input pulses have frequency
= 10MHz, t
R or tF < = 1 ns.
Note B: CL includes all probe and jig capacitances.
FIGURE 8. Differential Driver Enable
and Disable Test Circuits
FIGURE 9. Enable and Disable AC Waveforms


Numéro de pièce similaire - FIN1022M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025MTC FAIRCHILD-FIN1025MTC Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026MTC FAIRCHILD-FIN1026MTC Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results

Description similaire - FIN1022M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com