Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FGB40N6S2 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FGB40N6S2
Description  600V, SMPS II Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB40N6S2 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FGB40N6S2 Datasheet HTML 1Page - Fairchild Semiconductor FGB40N6S2 Datasheet HTML 2Page - Fairchild Semiconductor FGB40N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGB40N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGB40N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGB40N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGB40N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGB40N6S2 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
August 2003
FGH40N6S2 / FGP40N6S2 / FGB40N6S2 RevA5
FGH40N6S2 / FGP40N6S2 / FGB40N6S2
600V, SMPS II Series N-Channel IGBT
General Description
The FGH40N6S2, FGP40N6S2 and the FGB40N6S2 are
Low Gate Charge, Low Plateau Voltage SMPS II IGBTs
combining the fast switching speed of the SMPS IGBTs
along with lower gate charge, plateau voltage and ava-
lanche capability (UIS). These LGC devices shorten delay
times, and reduce the power requirement of the gate drive.
These devices are ideally suited for high voltage switched
mode power supply applications where low conduction
loss, fast switching times and UIS capability are essential.
SMPS II LGC devices have been specially designed for:
• Power Factor Correction (PFC) circuits
• Full bridge topologies
• Half bridge topologies
• Push-Pull circuits
• Uninterruptible power supplies
• Zero voltage and zero current switching circuits
IGBT (co-pack) formerly Developmental Type TA49438
Features
• 100kHz Operation at 390V, 24A
• 200kHZ Operation at 390V, 18A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . 85ns at TJ = 125oC
• Low Gate Charge . . . . . . . . . 35nC at VGE = 15V
• Low Plateau Voltage . . . . . . . . . . . . . 6.5V Typical
• UIS Rated . . . . . . . . . . . . . . . . . . . . . . . . . 260mJ
• Low Conduction Loss
Device Maximum Ratings T
C= 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
BVCES
Collector to Emitter Breakdown Voltage
600
V
IC25
Collector Current Continuous, TC = 25°C
75
A
IC110
Collector Current Continuous, TC = 110°C
35
A
ICM
Collector Current Pulsed (Note 1)
180
A
VGES
Gate to Emitter Voltage Continuous
±20
V
VGEM
Gate to Emitter Voltage Pulsed
±30
V
SSOA
Switching Safe Operating Area at TJ = 150°C, Figure 2
100A at 600V
EAS
Pulsed Avalanche Energy, ICE = 30A, L = 1mH, VDD = 50V
260
mJ
PD
Power Dissipation Total TC = 25°C
290
W
Power Dissipation Derating TC > 25°C
2.33
W/°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
TSTG
Storage Junction Temperature Range
-55 to 150
°C
CAUTION: Stresses above those listed in “Device Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. Pulse width limited by maximum junction temperature.
Package
Symbol
C
E
G
TO-247
E
C
G
TO-263AB
TO-220AB E
C
G
E
G
COLLECTOR
(Flange)
COLLECTOR
(Back-Metal)


Numéro de pièce similaire - FGB40N6S2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
More results

Description similaire - FGB40N6S2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH20N6S2 FAIRCHILD-FGH20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com