Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS15-E2GA472MYVSA Fiches technique(PDF) 3 Page - TDK Electronics

No de pièce CS15-E2GA472MYVSA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CS15-E2GA472MYVSA Fiches technique(HTML) 3 Page - TDK Electronics

  CS15-E2GA472MYVSA Datasheet HTML 1Page - TDK Electronics CS15-E2GA472MYVSA Datasheet HTML 2Page - TDK Electronics CS15-E2GA472MYVSA Datasheet HTML 3Page - TDK Electronics CS15-E2GA472MYVSA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(2/3)
005-03 / 20111003 / e4b3_cs.fm
• All specifications are subject to change without notice.
HALOGEN-FREE PRODUCT
MARKINGS
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
The expression has become simplified due to a revision in the standards.
INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved
• Certificate numbers shall be changed owing to the revisions of the related standards.
CURRENT PRODUCT
MARKINGS
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved
• Certificate numbers shall be changed owing to the revisions of the related standards.
Item
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. Sub-class of safety performance
6. TDK’s logogram
7. Date code
CS
222(2200pF)
M(±20%)
X1Y2
15 (2011.5)
Safety
standard
Standard No.
of IEC
Standard No.
Temperature
characteristics
Insulation
sub-class
Rated voltage
Eac(V)
Approval report No.
Japan
Taiwan
Xiamen
BSI
IEC 60065
BS EN 60065
B, E, F
X1, Y2
250
KM37103
KM37103
KM37103
IEC 60384-14 BS EN60384-14
VDE
IEC 60384-14 EN 60384-14
B, E, F
X1, Y2
250
40029781
40029781
40029781
SEV
IEC 60384-14 EN 60384-14
B, E, F
X1, Y2
250
10.0120
10.0120
10.0120
SEMKO
IEC 60384-14 EN 60384-14
B, E, F
X1, Y2
250
912461
912461
912461
NEMKO
IEC 60384-14 EN 60384-14
B, E, F
X1, Y2
250
P09211677
P09211677
P09211677
DEMKO
IEC 60384-14 EN 60384-14
B, E, F
X1, Y2
250
315269-01
315269-01
315269-01
FIMKO
IEC 60384-14 EN 60384-14
B, E, F
X1, Y2
250
FI 25553
FI 25553
FI 25553
IMQ
IEC 60384-14 EN 60384-14
B, E, F
X1, Y2
250
V3692
V3692
V3692
SAA
IEC 60065
AS3250
B, E, F
400
CS6268
CS6268
CS6268
UL
UL 1414
B, E, F
(X, Y)
250
E37861
E37861
E37861
CSA
IEC 60384-14 CAN/CSA-E60384-14
B, E, F
(X, Y)
250
2278972
(LR 35801)
2278972
(LR 35801)
2278972
(LR 35801)
CQC
IEC 60384-14 GB-T 14472-1998
B, E, F
X1, Y2
250
CQC10001051610 CQC10001051637 CQC03001004815
Item
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. Withstand voltage Eac
6. Sub-class of safety performance
7. TDK’s logogram
8. Date code
9. Regulatory body safety standards compliance markings
CS
222(2200pF)
M(±20%)
X1Y2
15 (2011.5)
Safety
standard
Standard No.
of IEC
Standard No.
Temperature
characteristics
Insulation
sub-class
Rated voltage
Eac(V)
Approval report No.
Japan
Taiwan
Xiamen
BSI
IEC 60065
BS EN 60065
B, E, F
X1, Y2
250
226494
226494
226494
IEC 60384-14
BS EN60384-14
VDE
IEC 60384-14
EN60384-14
B, E, F
X1, Y2
250
138559
138560
122006
SEV
IEC 60384-14
EN60384-14
B, E, F
X1, Y2
250
09.0962
09.0962
09.0962
SEMKO
IEC 60384-14
EN60384-14
B, E, F
X1, Y2
250
915556
915556
915394
NEMKO
IEC 60384-14
EN60384-14
B, E, F
X1, Y2
250
P09211507
P09211507
P08209309
DEMKO
IEC 60384-14
EN60384-14
B, E, F
X1, Y2
250
315179-01
315179-01
314664-02
FIMKO
IEC 60384-14
EN60384-14
B, E, F
X1, Y2
250
FI 25453
FI 25453
FI 24306A1
IMQ
IEC 60384-14
EN60384-14
B, E, F
X1, Y2
250
V3692
V3692
V3692
SAA
IEC 60065
AS3250
B, E, F
400
6268
6268
6268
UL
UL 1414
B, E, F
(X, Y)
250
E37861
E37861
E37861
CSA
CSA C22.2 No.0 & No.1
B, E, F
(X, Y)
250
LR35801
LR65972
LR65972
250V
(AC.250V)
(Marking position is reference.)
CS222M
250
X1Y2
15
BSI
(U.K.)
SEMKO
(Sweden)
VDE
(Germany)
SEV
(Switzerland)
UL
(U.S.A.)
CSA
(Canada)
FIMKO
(Finland)
DEMKO
(Denmark)
NEMKO
(Norway)
IMQ
(Italy)
BSI
TJ508
250V
(AC.250V)
(Marking position of the monogram is reference.)
CS222M
250V
X1Y2
BSI
TJ508
15
Front
Back


Numéro de pièce similaire - CS15-E2GA472MYVSA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS15-02GO2 ETC1-CS15-02GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS15-04GO2 ETC1-CS15-04GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS15-06GO2 ETC1-CS15-06GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS15-07GO2 ETC1-CS15-07GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS15-08GO2 ETC1-CS15-08GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
More results

Description similaire - CS15-E2GA472MYVSA

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CK45-RR TDK-CK45-RR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com