Moteur de recherche de fiches techniques de composants électroniques |
|
CS10-B2GA102KYNSA Fiches technique(PDF) 2 Page - TDK Electronics |
|
CS10-B2GA102KYNSA Fiches technique(HTML) 2 Page - TDK Electronics |
2 / 4 page (1/3) 005-03 / 20111003 / e4b3_cs.fm • All specifications are subject to change without notice. Mid-high Voltage Ceramic Capacitors(Disk with Lead) Safety Standard Approved CS Series BASIC INSULATION TYPE/Operating temperature range: –25 to +105°C(UL standard: –25 to +85°C) CLASS 2 HIGH DIELECTRIC FEATURES • Flame-resistant reinforced outer insulation prevents fires, electri- cal shock, and other potential hazards. • Compliant with the safety standards of 11 countries. • It has a withstand voltage of AC.2600V • This product is compatible with halogen-free external resin coating (we recommend halogen-free products as standard). CAPACITANCE TEMPERATURE CHARACTERISTICS AND TOLERANCE PRODUCT IDENTIFICATION (1) Type (2) Shape (3) Capacitance temperature characteristics (4) Rated voltage (5) Nominal capacitance (6) Capacitance tolerance (7) Class (8) Lead type (9) Safety standard (10) Halogen-free compatible product CAPACITANCE AND DIMENSIONS ∗ : Lead shape symbol LIST OF STANDARD LEAD SHAPES The lead type is indicated by the letter which is the 15th character of the product name. Dimensions in mm • We recommend using a vertical kink type. • For bulk products, we recommend a short lead type with the symbol N. Conformity to RoHS Directive Temperature characteristics Test temperature range Capacitance tolerance B(±10%) –25 to +85°C K(±10%) E(+20, –55%) –25 to +85°C M(±20%) F(+30, –80%) –25 to +85°C M(±20%) CS 11 -E 2GA 222 M Y N S A (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) Part No. Capacitance temperature characteristics Capacitance (pF) Capacitance tolerance Dimensions(mm) Taping dimensions Halogen-free product Current product D max. T max. F d CS70-B2GA101KY ∗SA CS70-B2GA101KY ∗S B(±10%) 100 K(±10%) 7.0 7.0 7.5±1.5 0.6±0.05 V2 CS70-B2GA151KY SA CS70-B2GA151KY S 150 K(±10%) 7.0 7.0 7.5±1.5 0.6±0.05 V2 CS70-B2GA221KY SA CS70-B2GA221KY S 220 K(±10%) 7.0 7.0 7.5±1.5 0.6±0.05 V2 CS85-B2GA331KY SA CS85-B2GA331KY S 330 K(±10%) 8.5 7.0 7.5±1.5 0.6±0.05 V2 CS85-B2GA471KY SA CS85-B2GA471KY S 470 K(±10%) 8.5 7.0 7.5±1.5 0.6±0.05 V2 CS95-B2GA681KY SA CS95-B2GA681KY S 680 K(±10%) 9.5 7.0 7.5±1.5 0.6±0.05 V2 CS10-B2GA102KY SA CS10-B2GA102KY S 1,000 K(±10%) 10.0 7.0 7.5±1.5 0.6±0.05 V2 CS80-E2GA102MY SA CS80-E2GA102MY S E(+20, –55%) 1,000 M(±20%) 8.0 7.0 7.5±1.5 0.6±0.05 V2 CS90-E2GA152MY SA CS90-E2GA152MY S 1,500 M(±20%) 9.0 7.0 7.5±1.5 0.6±0.05 V2 CS11-E2GA222MY SA CS11-E2GA222MY S 2,200 M(±20%) 10.5 7.0 7.5±1.5 0.6±0.05 V2 CS13-E2GA332MY SA CS13-E2GA332MY S 3,300 M(±20%) 12.5 7.0 7.5±1.5 0.6±0.05 V2 CS14-E2GA392MY SA CS14-E2GA392MY S 3,900 M(±20%) 13.5 7.0 7.5±1.5 0.6±0.05 V2 CS15-E2GA472MY SA CS15-E2GA472MY S 4,700 M(±20%) 14.5 7.0 7.5±1.5 0.6±0.05 V3 CS12-F2GA472MY SA CS12-F2GA472MY S F(+30, –80%) 4,700 M(±20%) 12.0 7.0 7.5±1.5 0.6±0.05 V2 CS17-F2GA103MY SA CS17-F2GA103MY S 10,000 M(±20%) 16.5 7.0 10±2 0.6±0.05 — Long lead Short lead Taping Vertical kink Symbol G Symbol N Symbol V Example) TDK Product Name: CS11-E2GA222MYNSA N: Lead type (Vertical kink, Short) D T F d D T F d D T • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
Numéro de pièce similaire - CS10-B2GA102KYNSA |
|
Description similaire - CS10-B2GA102KYNSA |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |