Moteur de recherche de fiches techniques de composants électroniques |
|
CS70-B2GA101KYNSA Fiches technique(PDF) 3 Page - TDK Electronics |
|
CS70-B2GA101KYNSA Fiches technique(HTML) 3 Page - TDK Electronics |
3 / 4 page (2/3) 005-03 / 20111003 / e4b3_cs.fm • All specifications are subject to change without notice. HALOGEN-FREE PRODUCT MARKINGS ∗ Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December). ∗ The expression has become simplified due to a revision in the standards. INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved • Certificate numbers shall be changed owing to the revisions of the related standards. CURRENT PRODUCT MARKINGS ∗ Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December). INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved • Certificate numbers shall be changed owing to the revisions of the related standards. Item Marking examples 1. Series 2. Nominal capacitance 3. Capacitance tolerance 4. Rated voltage Eac 5. Sub-class of safety performance 6. TDK’s logogram 7. Date code CS 222(2200pF) M(±20%) X1Y2 15 (2011.5)∗ Safety standard Standard No. of IEC Standard No. Temperature characteristics Insulation sub-class Rated voltage Eac(V) Approval report No. Japan Taiwan Xiamen BSI IEC 60065 BS EN 60065 B, E, F X1, Y2 250 KM37103 KM37103 KM37103 IEC 60384-14 BS EN60384-14 VDE IEC 60384-14 EN 60384-14 B, E, F X1, Y2 250 40029781 40029781 40029781 SEV IEC 60384-14 EN 60384-14 B, E, F X1, Y2 250 10.0120 10.0120 10.0120 SEMKO IEC 60384-14 EN 60384-14 B, E, F X1, Y2 250 912461 912461 912461 NEMKO IEC 60384-14 EN 60384-14 B, E, F X1, Y2 250 P09211677 P09211677 P09211677 DEMKO IEC 60384-14 EN 60384-14 B, E, F X1, Y2 250 315269-01 315269-01 315269-01 FIMKO IEC 60384-14 EN 60384-14 B, E, F X1, Y2 250 FI 25553 FI 25553 FI 25553 IMQ IEC 60384-14 EN 60384-14 B, E, F X1, Y2 250 V3692 V3692 V3692 SAA IEC 60065 AS3250 B, E, F — 400 CS6268 CS6268 CS6268 UL — UL 1414 B, E, F (X, Y) 250 E37861 E37861 E37861 CSA IEC 60384-14 CAN/CSA-E60384-14 B, E, F (X, Y) 250 2278972 (LR 35801) 2278972 (LR 35801) 2278972 (LR 35801) CQC IEC 60384-14 GB-T 14472-1998 B, E, F X1, Y2 250 CQC10001051610 CQC10001051637 CQC03001004815 Item Marking examples 1. Series 2. Nominal capacitance 3. Capacitance tolerance 4. Rated voltage Eac 5. Withstand voltage Eac 6. Sub-class of safety performance 7. TDK’s logogram 8. Date code 9. Regulatory body safety standards compliance markings CS 222(2200pF) M(±20%) X1Y2 15 (2011.5)∗ Safety standard Standard No. of IEC Standard No. Temperature characteristics Insulation sub-class Rated voltage Eac(V) Approval report No. Japan Taiwan Xiamen BSI IEC 60065 BS EN 60065 B, E, F X1, Y2 250 226494 226494 226494 IEC 60384-14 BS EN60384-14 VDE IEC 60384-14 EN60384-14 B, E, F X1, Y2 250 138559 138560 122006 SEV IEC 60384-14 EN60384-14 B, E, F X1, Y2 250 09.0962 09.0962 09.0962 SEMKO IEC 60384-14 EN60384-14 B, E, F X1, Y2 250 915556 915556 915394 NEMKO IEC 60384-14 EN60384-14 B, E, F X1, Y2 250 P09211507 P09211507 P08209309 DEMKO IEC 60384-14 EN60384-14 B, E, F X1, Y2 250 315179-01 315179-01 314664-02 FIMKO IEC 60384-14 EN60384-14 B, E, F X1, Y2 250 FI 25453 FI 25453 FI 24306A1 IMQ IEC 60384-14 EN60384-14 B, E, F X1, Y2 250 V3692 V3692 V3692 SAA IEC 60065 AS3250 B, E, F — 400 6268 6268 6268 UL — UL 1414 B, E, F (X, Y) 250 E37861 E37861 E37861 CSA — CSA C22.2 No.0 & No.1 B, E, F (X, Y) 250 LR35801 LR65972 LR65972 250V (AC.250V) (Marking position is reference.) CS222M 250 X1Y2 15 BSI (U.K.) SEMKO (Sweden) VDE (Germany) SEV (Switzerland) UL (U.S.A.) CSA (Canada) FIMKO (Finland) DEMKO (Denmark) NEMKO (Norway) IMQ (Italy) BSI TJ508 250V (AC.250V) (Marking position of the monogram is reference.) CS222M 250V X1Y2 BSI TJ508 15 Front Back |
Numéro de pièce similaire - CS70-B2GA101KYNSA |
|
Description similaire - CS70-B2GA101KYNSA |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |