Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD14-E2GA332MYNSA Datasheet(Fiches technique) 2 Page - TDK Electronics

Numéro de pièce CD14-E2GA332MYNSA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CD14-E2GA332MYNSA Datasheet(HTML) 2 Page - TDK Electronics

  CD14-E2GA332MYNSA Datenblatt HTML 1Page - TDK Electronics CD14-E2GA332MYNSA Datasheet HTML 2Page - TDK Electronics CD14-E2GA332MYNSA Datenblatt HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(1/2)
005-03 / 20111003 / e4b3_cd.fm
• All specifications are subject to change without notice.
Mid-high Voltage Ceramic Capacitors(Disk with Lead)
Safety Standard Approved CD Series
REINFORCED INSULATION TYPE/Operating temperature range: –25 to +105°C(UL standard: –25 to +85°C)
CLASS 2 HIGH DIELECTRIC
FEATURES
• Flame-resistant reinforced outer insulation prevents fires, electri-
cal shock, and other potential hazards.
• Compliant with the safety standards of 11 countries.
• This ceramic capacitor meets European Class II (reinforced
insulation) Safety Standards VDE, SEV, SEMKO, BS. Since it is
rated at a withstand voltage of AC.4000V, it can be used in
single-unit configurations within European Class II devices.
• This product is compatible with halogen-free external resin
coating (we recommend halogen-free products as standard).
CAPACITANCE TEMPERATURE CHARACTERISTICS
AND TOLERANCE
PRODUCT IDENTIFICATION
(1) Type
(2) Shape
(3) Capacitance temperature characteristics
(4) Rated voltage
(5) Nominal capacitance
(6) Capacitance tolerance
(7) Class
(8) Lead type
(9) Safety standard
(10) Halogen-free compatible product
CAPACITANCE AND DIMENSIONS
: Lead shape symbol
LIST OF STANDARD LEAD SHAPES
The lead type is indicated by the letter which is the 15th character of the product name.
Dimensions in mm
• We recommend using a vertical kink type.
• For bulk products, we recommend a short lead type with the symbol N.
Conformity to RoHS Directive
Temperature characteristics
Test temperature
range
Capacitance
tolerance
B(±10%)
–25 to +85°C
K(±10%)
E(+20, –55%)
–25 to +85°C
M(±20%)
CD 12
-E 2GA 222 M
Y
N
S
A
(1) (2) (3)
(4)
(5)
(6) (7) (8) (9) (10)
Part No.
Capacitance
temperature
characteristics
Capacitance
(pF)
Capacitance
tolerance
Dimensions(mm)
Halogen-free product
Current product
D max. T max. F
d
CD70-B2GA101KY
SA
CD70-B2GA101KY
S
B(±10%)
100
K(±10%)
7.0
7.0
10+2, –1
0.6±0.05
CD70-B2GA151KY
SA
CD70-B2GA151KY
S
150
K(±10%)
7.0
7.0
10+2, –1
0.6±0.05
CD85-B2GA221KY
SA
CD85-B2GA221KY
S
220
K(±10%)
8.5
7.0
10+2, –1
0.6±0.05
CD90-B2GA331KY
SA
CD90-B2GA331KY
S
330
K(±10%)
9.0
7.0
10+2, –1
0.6±0.05
CD90-B2GA391KY
SA
CD90-B2GA391KY
S
390
K(±10%)
9.0
7.0
10+2, –1
0.6±0.05
CD95-B2GA471KY
SA
CD95-B2GA471KY
S
470
K(±10%)
9.5
7.0
10+2, –1
0.6±0.05
CD75-E2GA681MY
SA
CD75-E2GA681MY
S
E(+20, –55%)
680
M(±20%)
7.5
7.0
10+2, –1
0.6±0.05
CD85-E2GA102MY
SA
CD85-E2GA102MY
S
1,000
M(±20%)
8.5
7.0
10+2, –1
0.6±0.05
CD10-E2GA152MY
SA
CD10-E2GA152MY
S
1,500
M(±20%)
10.0
7.0
10+2, –1
0.6±0.05
CD12-E2GA222MY
SA
CD12-E2GA222MY
S
2,200
M(±20%)
11.5
7.0
10+2, –1
0.6±0.05
CD14-E2GA332MY
SA
CD14-E2GA332MY
S
3,300
M(±20%)
13.5
7.0
10+2, –1
0.6±0.05
CD15-E2GA392MY
SA
CD15-E2GA392MY
S
3,900
M(±20%)
14.5
7.0
10+2, –1
0.6±0.05
CD16-E2GA472MY
SA
CD16-E2GA472MY
S
4,700
M(±20%)
15.5
7.0
10+2, –1
0.6±0.05
Long lead
Short lead
Vertical kink
Symbol G
Symbol N
Example) TDK Product Name: CD12-E2GA222MYNSA
N: Lead type (Vertical kink, Short)
D
T
F
d
D
T
F
d
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn