Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD14-E2GA332MYGSA Datasheet(Fiches technique) 3 Page - TDK Electronics

Numéro de pièce CD14-E2GA332MYGSA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CD14-E2GA332MYGSA Datasheet(HTML) 3 Page - TDK Electronics

  CD14-E2GA332MYGSA Datenblatt HTML 1Page - TDK Electronics CD14-E2GA332MYGSA Datenblatt HTML 2Page - TDK Electronics CD14-E2GA332MYGSA Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(2/2)
005-03 / 20111003 / e4b3_cd.fm
? All specifications are subject to change without notice.
HALOGEN-FREE PRODUCT
MARKINGS
? Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
? The expression has become simplified due to a revision in the standards.
INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved
? Certificate numbers shall be changed owing to the revisions of the related standards.
CURRENT PRODUCT
MARKINGS
? Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved
? Certificate numbers shall be changed owing to the revisions of the related standards.
Item
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. Sub-class of safety performance
6. TDK?s logogram
7. Date code
CD
222(2200pF)
M(20%)
X1Y1
15 (2011.5)?
Safety
standard
Standard No.
of IEC
Standard No.
Temperature
characteristics
Insulation
sub-class
Rated voltage
Eac(V)
Approval report No.
Japan
Taiwan
Xiamen
BSI
IEC 60065
BS EN 60065
B, E
X1, Y1
250
KM37103
KM37103
KM37103
IEC 60384-14 BS EN60384-14
VDE
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
40029780
40029780
40029780
SEV
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
10.0121
10.0121
10.0121
SEMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
912465
912465
912465
NEMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
P09211658
P09211658
P09211658
DEMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
315294-01
315294-01
315294-01
FIMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
FI 25522
FI 25522
FI 25522
IMQ
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
V3691
V3691
V3691
SAA
IEC 60065
AS3250
B, E
?
400
CS6268
CS6268
CS6268
UL
?
UL 1414
B, E
(X, Y)
250
E37861
E37861
E37861
CSA
IEC 60384-14 CAN/CSA-E60384-14
B, E
(X, Y)
250
2278970
(LR 35801)
2278970
(LR 35801)
2278970
(LR 35801)
CQC
IEC 60384-14 GB-T 14472-1998
B, E
X1, Y1
250
CQC10001051611 CQC10001051638 CQC03001004816
Item
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. Withstand voltage Eac
6. Sub-class of safety performance
7. TDK?s logogram
8. Date code
9. Regulatory body safety standards compliance markings
CD
222(2200pF)
M(20%)
X1Y1
15 (2011.5)?
Safety
standard
Standard No.
of IEC
Standard No.
Temperature
characteristics
Insulation
sub-class
Rated voltage
Eac(V)
Approval report No.
Japan
Taiwan
Xiamen
BSI
IEC 60065
BS EN 60065
B, E
X1, Y1
250
226495
226495
226495
IEC 60384-14
BS EN60384-14
VDE
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
138526
138550
124321
SEV
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
09.0963
09.0963
09.0963
SEMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
915564
915564
915396
NEMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
P09211509
P09211509
P08209310
DEMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
315180-01
315180-01
314712-02
FIMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
FI 25452
FI 25452
FI 24307
IMQ
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
V3691
V3691
V3691
SAA
IEC 60065
AS3250
B, E
?
400
6268
6268
6268
UL
?
UL 1414
B, E
(X, Y)
250
E37861
E37861
E37861
CSA
?
CSA C22.2 No.0 & No.1
B, E
(X, Y)
250
LR35801
LR65972
LR65972
250V
(AC.250V)
CD222M
15
250
X1Y1
(Marking position is reference.)
BSI
(U.K.)
SEMKO
(Sweden)
VDE
(Germany)
SEV
(Switzerland)
UL
(U.S.A.)
CSA
(Canada)
FIMKO
(Finland)
DEMKO
(Denmark)
NEMKO
(Norway)
IMQ
(Italy)
BSI
TJ508
250V
(AC.250V)
T4KV
(AC.4kV)
CD222M
250V
X1Y1
BSI
T4KV
TJ508
94
Front
Back
(Marking position of the monogram is reference.)
? For more information about products with other capacitance or other data, please contact us.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn