Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFPF60B150DS Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FFPF60B150DS
Description  DAMPER MODULATION DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF60B150DS Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FFPF60B150DS Datasheet HTML 1Page - Fairchild Semiconductor FFPF60B150DS Datasheet HTML 2Page - Fairchild Semiconductor FFPF60B150DS Datasheet HTML 3Page - Fairchild Semiconductor FFPF60B150DS Datasheet HTML 4Page - Fairchild Semiconductor FFPF60B150DS Datasheet HTML 5Page - Fairchild Semiconductor FFPF60B150DS Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, March 2001
Package Dimensions
Dimensions in Millimeters
TO-220F
(7.00)
(0.70)
MAX1.47
#1
10.16
±0.20
(1.00x45
°)
2.54
±0.20
0.80
±0.10
9.40
±0.20
2.76
±0.20
0.35
±0.10
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05


Numéro de pièce similaire - FFPF60B150DS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
3Mb / 5P
   6 A, 600 V, STEALTH Dual Diode
logo
Thinki Semiconductor Co...
FFPF60SA60DS THINKISEMI-FFPF60SA60DS Datasheet
3Mb / 3P
   16Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
logo
Fairchild Semiconductor
FFPF60SA60DSTU FAIRCHILD-FFPF60SA60DSTU Datasheet
3Mb / 5P
   6 A, 600 V, STEALTH Dual Diode
More results

Description similaire - FFPF60B150DS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFAF60A150DS FAIRCHILD-FFAF60A150DS Datasheet
138Kb / 6P
   MODULATION DAMPER DIODE
logo
STMicroelectronics
DMV1500M STMICROELECTRONICS-DMV1500M Datasheet
73Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
logo
Sanken electric
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
   Damper Diode (Diode modulation for TV)
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
logo
Sanken electric
FMT-2FUR SANKEN-FMT-2FUR Datasheet
23Kb / 1P
   Damper Diodes (Diode modulation Type)
logo
STMicroelectronics
DMV1500L STMICROELECTRONICS-DMV1500L Datasheet
87Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500M STMICROELECTRONICS-DMV1500M_04 Datasheet
90Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500SD STMICROELECTRONICS-DMV1500SD Datasheet
90Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
33Kb / 2P
   Damper diode (Diode modulation for Displays)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com