Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD30KA5WFP-E2 Fiches technique(PDF) 1 Page - Rohm

No de pièce BD30KA5WFP-E2
Description  500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD30KA5WFP-E2 Fiches technique(HTML) 1 Page - Rohm

  BD30KA5WFP-E2 Datasheet HTML 1Page - Rohm BD30KA5WFP-E2 Datasheet HTML 2Page - Rohm BD30KA5WFP-E2 Datasheet HTML 3Page - Rohm BD30KA5WFP-E2 Datasheet HTML 4Page - Rohm BD30KA5WFP-E2 Datasheet HTML 5Page - Rohm BD30KA5WFP-E2 Datasheet HTML 6Page - Rohm BD30KA5WFP-E2 Datasheet HTML 7Page - Rohm BD30KA5WFP-E2 Datasheet HTML 8Page - Rohm BD30KA5WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/15
TSZ02201-0R6R0A600150-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
26.Jun.2012 Rev.001
500mA Variable/Fixed Output
LDO Regulators
BDxxKA5 Series
BDxxKA5W Series
BD00KA5W Series
●General Description
The BDxxKA5 series are low-saturation regulators that are available for output currents up to 500mA. The output voltage
precision is ±1%. These LDO regulators are offered in several output voltages and package lineups with or without
ON/OFF switches (that set the circuit current to 0
μA at shutdown). This series can be used for a broad spectrum of
applications ranging from TVs and car audio systems to HDDs, PCs, and DVDs. There regulators have a built-in
overcurrent protection circuit that prevents the destruction of the IC, due to output short circuits and a thermal shutdown
circuit.
●Features
Output voltage precision: ±1%
Low-saturation voltage with PMOS output: 0.12V
Typ.(Io=200mA)
Built-in over-current protection circuit
Built-in thermal shutdown circuit
Shutdown switch (BDxxKA5WFP and BDxxKA5WF
series)
Ceramic capacitor compatible (recommended
capacitance: 1
μF or greater)
●Key Specifications
Input Power Supply Voltage:
5.5V (Max.)
Output voltage type: BA00KA5
Variable
BAxxKA5
Fixed
Output current:
500mA (Max.)
Operating temperature range:
-40℃ to +105℃
●Applications
Microcontrollers and all electronic devices that use
logic circuit
●Packages
W (Typ.) x D (Typ.) x H (Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
TO252-3
6.50mm x 9.50mm x 2.50mm
TO252-5
6.50mm x 9.50mm x 2.50mm
●Lineup matrix
Part Number
Output Voltage (V)
Package
1.0
1.2
1.5
1.8
2.5
3.0
3.3
Variable
BDxxKA5WFP
TO252-5
BDxxKA5WF
SOP8
BDxxKA5FP
-
TO252-3
●Ordering Information
B
D
x
x
K
A
5
W
x
x
-
E 2
Part Number Output voltage
00:Variable
Other: Fixed
Current capacity
KA5: 500mA
Shutdown Switch
W: Include
None:without
Package
FP : TO252-3
TO252-5
F
: SOP8
Packaging and forming specification
E2: Embossed tape and reel
TO252-3
TO252-5
SOP8


Numéro de pièce similaire - BD30KA5WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD30KA5WFP-E2 ROHM-BD30KA5WFP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

Description similaire - BD30KA5WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD00IA5WEFJ ROHM-BD00IA5WEFJ Datasheet
479Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com