Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA06CC0WFP-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BA06CC0WFP-E2
Description  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA06CC0WFP-E2 Fiches technique(HTML) 4 Page - Rohm

  BA06CC0WFP-E2 Datasheet HTML 1Page - Rohm BA06CC0WFP-E2 Datasheet HTML 2Page - Rohm BA06CC0WFP-E2 Datasheet HTML 3Page - Rohm BA06CC0WFP-E2 Datasheet HTML 4Page - Rohm BA06CC0WFP-E2 Datasheet HTML 5Page - Rohm BA06CC0WFP-E2 Datasheet HTML 6Page - Rohm BA06CC0WFP-E2 Datasheet HTML 7Page - Rohm BA06CC0WFP-E2 Datasheet HTML 8Page - Rohm BA06CC0WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Datasheet
4/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●Block Diagrams / Pin Configurations / Pin Descriptions
BAxxCC0WFP/ BAxxDD0WHFP/ BAxxCC0WT/ BAxxDD0WT
PIN No. Pin Name
Function
1
CTL
Output voltage ON/OFF control
2
Vcc
Power supply voltage input
3
N.C./GND Unconnected terminal/GND*
1
4
OUT
Voltage output
5
N.C.
Unconnected terminal
Fin
GND
GND*
2
*
1
TO252-5=N.C.,TO220FP-5,HRP5=GND
*
2
TO252-5,HRP5 only
BAxxCC0T/ BAxxCC0FP/ BAxxDD0T
PIN No. Pin Name
Function
1
Vcc
Power supply voltage input
2
N.C./GND Unconnected terminal/GND*
1
3
OUT
Voltage output
Fi
GND
GND*
2
*
1
TO252-3=N.C.,TO220FP-3=GND
*
2
TO252-3 only
Fig.1
1
2
3
4
5
Fin
Vcc
Driver
OVP
TSD
OCP
R2
R1
CTL
Vcc
N.C.
(TO252-5)
GND
(TO220FP-5,HRP5)
OUT
N.C.
Vref
GND(TO252-5・HRP5)
Fig.2
(TO220FP-3)
1
2
3
Fin
Vcc
Driver
OVP
TSD
OCP
R2
R1
Vcc
N.C.
OUT
(TO252-3)
GND
Vref
GND(TO252-3)
HRP5
TOP VIEW
FIN
TO252-5
1 2 3 4 5
1 2 3 4 5
TO220FP-5
1 2 3 45
TO220FP-3
TO252-3
1
FIN
2 3
1
TOP VIEW
2
3


Numéro de pièce similaire - BA06CC0WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA06CC0WFP-E2 ROHM-BA06CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA06CC0WFP-E2 ROHM-BA06CC0WFP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Description similaire - BA06CC0WFP-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com