Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37A41FVM-TR Fiches technique(PDF) 9 Page - Rohm

No de pièce BD37A41FVM-TR
Description  Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37A41FVM-TR Fiches technique(HTML) 9 Page - Rohm

Back Button BD37A41FVM-TR Datasheet HTML 5Page - Rohm BD37A41FVM-TR Datasheet HTML 6Page - Rohm BD37A41FVM-TR Datasheet HTML 7Page - Rohm BD37A41FVM-TR Datasheet HTML 8Page - Rohm BD37A41FVM-TR Datasheet HTML 9Page - Rohm BD37A41FVM-TR Datasheet HTML 10Page - Rohm BD37A41FVM-TR Datasheet HTML 11Page - Rohm BD37A41FVM-TR Datasheet HTML 12Page - Rohm BD37A41FVM-TR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/15
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
TSZ02201-0T2T0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
●Power Dissipation
MSOP8
SOP8
Figure 16. Power Dissipation
●I/O equivalence circuit
CLK
INH
CT
CTW
RESET
Figure 17. I/O equivalence circuit
AMBIENT TEMPERATURE: Ta [℃]
0
400
200
25
50
75
125
100
0
600
470mW
800
105℃
When mounted on a glass epoxy board
(70 mm
 70 mm  1.6mm) ja = 212.8 (°C /W)
AMBIENT TEMPERATURE: Ta [℃]
0
400
200
25
50
75
125
100
0
600
550mW
800
105℃
When mounted on a glass epoxy board
(70 mm
 70 mm  1.6mm) ja = 181.8 (°C /W)
RESET
CTW
VDD
VDD
CLK
VDD
INH
VDD
CT
10MΩ(Typ.)
VDD
VDD


Numéro de pièce similaire - BD37A41FVM-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37A41FVM-TR ROHM-BD37A41FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
More results

Description similaire - BD37A41FVM-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
   Watchdog timer built-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com