Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37A19FVM Fiches technique(PDF) 5 Page - Rohm

No de pièce BD37A19FVM
Description  Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37A19FVM Fiches technique(HTML) 5 Page - Rohm

  BD37A19FVM_13 Datasheet HTML 1Page - Rohm BD37A19FVM_13 Datasheet HTML 2Page - Rohm BD37A19FVM_13 Datasheet HTML 3Page - Rohm BD37A19FVM_13 Datasheet HTML 4Page - Rohm BD37A19FVM_13 Datasheet HTML 5Page - Rohm BD37A19FVM_13 Datasheet HTML 6Page - Rohm BD37A19FVM_13 Datasheet HTML 7Page - Rohm BD37A19FVM_13 Datasheet HTML 8Page - Rohm BD37A19FVM_13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/15
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
TSZ02201-0T2T0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
0
2
4
6
8
10
02
4
6
8
10
SUPPLY VOLTAGE: VDD [V]
0
50
100
150
200
250
300
350
400
01
2
3
45
SUPPLY VOLTAGE: VDD [V]
●Typical Performance Curves
(Unless otherwise specified, Ta = 25℃) : 4.1V Detection
Figure 4. Total Supply Current
Figure 5. Delay Pin Current vs Power Supply Voltage
Figure 6. CTW Charge Discharge Current
Figure 3. Detection Voltage
Ta=25℃
Ta=-40℃
Ta=105℃
-1
-0.5
0
0.5
1
1.5
2
01
2
34
5
CTW PIN VOLTAGE: VCTW [V]
0
2
4
6
8
10
12
024
68
10
SUPPLY VOLTAGE: VDD [V]


Numéro de pièce similaire - BD37A19FVM_13

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
More results

Description similaire - BD37A19FVM_13

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
   Watchdog timer built-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com