Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3611NG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC3611NG4
Description  QUAD SCHOTTKY DIODE ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3611NG4 Fiches technique(HTML) 1 Page - Texas Instruments

  UC3611NG4 Datasheet HTML 1Page - Texas Instruments UC3611NG4 Datasheet HTML 2Page - Texas Instruments UC3611NG4 Datasheet HTML 3Page - Texas Instruments UC3611NG4 Datasheet HTML 4Page - Texas Instruments UC3611NG4 Datasheet HTML 5Page - Texas Instruments UC3611NG4 Datasheet HTML 6Page - Texas Instruments UC3611NG4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UC1611
UC3611
SLUS338A – JUNE 1993 – REVISED MAY 2001
QUAD SCHOTTKY DIODE ARRAY
1
www.ti.com
FEATURES
D Matched, Four-Diode Monolithic Array
D High Peak Current
D Low-Cost MINIDIP Package
D Low-Forward Voltage
D Parallelable for Lower VF or Higher IF
D Fast Recovery Time
D Military Temperature Range Available
DESCRIPTION
This four-diode array is designed for general
purpose use as individual diodes or as a
high-speed, high-current bridge. It is particularly
useful on the outputs of high-speed power
MOSFET drivers where Schottky diodes are
needed to clamp any negative excursions caused
by ringing on the driven line.These diodes are also
ideally suited for use as voltage clamps when
driving inductive loads such as relays and
solenoids, and to provide a path for current
free-wheeling in motor drive applications.The use
of Schottky diode technology features high
efficiency through lowered forward voltage drop
and decreased reverse recovery time.This single
monolithic chip is fabricated in both hermetic
CERDIP and copper-eaded plastic packages.
The UC1611 in ceramic is designed for –55
°C to
125
°C environments but with reduced peak
current capability: while the UC3611 in plastic has
higher current rating over a 0
°C to 70°C ambient
temperature range.
AVAILABLE OPTIONS
TT
Packaged Devices
TA = TJ
SOIC Wide (DW)
DIL (J)
DIL (N)
–55
°C to 125°C
UC1611DW
UC1611J
UC1611N
0
°C to 70°C
UC3611DW
UC3611J
UC3611N
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated


Numéro de pièce similaire - UC3611NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3611NG4 TI1-UC3611NG4 Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
More results

Description similaire - UC3611NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1611 TI-UC1611 Datasheet
158Kb / 4P
[Old version datasheet]   Quad Schottky Diode Array
UA1611 TI1-UA1611 Datasheet
176Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC1611L TI1-UC1611L Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
logo
Shanghai Leiditech Elec...
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
   Quad TVS Diode Array
CESD5V0K5 LEIDITECH-CESD5V0K5 Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
SAT36A05L05 LEIDITECH-SAT36A05L05 Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
PESDLC363T5VU LEIDITECH-PESDLC363T5VU Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
logo
Central Semiconductor C...
CMEDA-6I CENTRAL-CMEDA-6I_15 Datasheet
531Kb / 2P
   QUAD SWITCHING DIODE ARRAY
logo
Shanghai Leiditech Elec...
CPDV6-5V0U-HF LEIDITECH-CPDV6-5V0U-HF Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
TPD5E003DPFR LEIDITECH-TPD5E003DPFR Datasheet
342Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com