Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3770AQTR Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC3770AQTR
Description  High Performance Stepper Motor Drive Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3770AQTR Fiches technique(HTML) 1 Page - Texas Instruments

  UC3770AQTR Datasheet HTML 1Page - Texas Instruments UC3770AQTR Datasheet HTML 2Page - Texas Instruments UC3770AQTR Datasheet HTML 3Page - Texas Instruments UC3770AQTR Datasheet HTML 4Page - Texas Instruments UC3770AQTR Datasheet HTML 5Page - Texas Instruments UC3770AQTR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SLUS403A - FEBRUARY 2000
BLOCK DIAGRAM
Full-Step, Half-Step and Micro-Step
Capability.
Bipolar Output Current up to 2A.
Wide Range of Motor Supply Voltage:
10–50V
Low Saturation Voltage
Wide Range of Current Control: 5mA–2A.
Current Levels Selected in Steps or Varied
Continuously.
Thermal Protection and Soft Intervention.
The UC3770A and UC3770B are high-performance full bridge driv-
ers that offer higher current and lower saturation voltage than the
UC3717 and the UC3770. Included in these devices are LS-TTL
compatible logic inputs, current sense, monostable, thermal shut-
down, and a power H-bridge output stage. Two UC3770As or
UC3770Bs and a few external components form a complete micro-
processor-controllable stepper motor power system.
Unlike the UC3717, the UC3770A and the UC3770B require exter-
nal high-side clamp diodes.
The UC3770A and UC3770B are
identical in all regards except for the current sense thresholds.
Thresholds for the UC3770A are identical to those of the older
UC3717 permitting drop-in replacement in applications where
high-side diodes are not required. Thresholds for the UC3770B are
tailored for half stepping applications where 50%, 71%, and 100%
current levels are desirable.
The UC3770A and UC3770B are specified for operation from 0
°C
to 70
°C ambient.
UC3770A
UC3770B
High Performance Stepper Motor Drive Circuit
FEATURES
DESCRIPTION
UDG-92039-1


Numéro de pièce similaire - UC3770AQTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3770A TI-UC3770A Datasheet
71Kb / 3P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
More results

Description similaire - UC3770AQTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3770A TI-UC3770A Datasheet
71Kb / 3P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
logo
Ericsson
PBL3770A ERICSSON-PBL3770A Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com