Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2950 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2950
Description  Half-Bridge Bipolar Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2950 Fiches technique(HTML) 1 Page - Texas Instruments

  UC2950_09 Datasheet HTML 1Page - Texas Instruments UC2950_09 Datasheet HTML 2Page - Texas Instruments UC2950_09 Datasheet HTML 3Page - Texas Instruments UC2950_09 Datasheet HTML 4Page - Texas Instruments UC2950_09 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UC2950
Half-Bridge Bipolar Switch
CONNECTION DIAGRAM
SIMPLIFIED SCHEMATIC
TRUTH TABLE
Source
Drive
Pin 2
Sink Drive
Pin 5
Output
Pin 4
Low
Low
High
High
Low
High
Low
High
Low
Off
High
High
Note: With no load, output voltage will be
HIGH in the OFF state.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage Range, VC . . . . . . . . . . . . . . . . . . . . . 8V to 35V
Output Voltage Range, VO . . . . . . . . . . . . . . . . –3.0V to VC+3V
Input Voltage Range, VIN . . . . . . . . . . . . . . . . . . –0.3V to +7.0V
Peak Output Current (100 ms, 10% DC) . . . . . . . . . . . . .
± 4.0A
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . .
± 2.0A
Power Dissipation with Heat Sink . . . . . . . . . . . . . . . . . . . . 15W
Power Dissipation in Free Air . . . . . . . . . . . . . . . . . . . . . . . . 2W
Operating Temperature Range, TA. . . . . . . . . –20°C to +100°C
Storage Temperature Range, TS . . . . . . . . . . –55°C to +125°C
Note 1: Consult Packaging section of databook for thermal
limitations and considerations of package.
5-PIN TO-220 (TOP VIEW)
T Package
FEATURES
• Source or Sink 4.0A
• Supply Voltage to 35V
• High-Current Output Diodes
• Tri-State Operation
• TTL and CMOS Input Compatibility
• Thermal Shutdown Protection
• 300kHz Operation
• Low-Cost TO-220 Package
DESCRIPTION
This device is a monolithic integrated circuit designed to provide
high-current switching with low saturation voltages when activated by
low-level logic signals. Source and sink switches may be independently acti-
vated without regard to timing as a built-in interlock will keep the sink off if
the source is on.
This driver has the high current capability to drive large capacitive loads
with fast rise and fall times; but with high-speed internal flyback diodes, it is
also ideal for inductive loads. Two UC2950s can be used together to form a
full bridge, bipolar motor driver compatible with high frequency chopper cur-
rent control.
SLUS280A - MAY 1993 - REVISED JULY 2003


Numéro de pièce similaire - UC2950_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2950 TI-UC2950 Datasheet
163Kb / 3P
[Old version datasheet]   Half-Bridge Bipolar Switch
More results

Description similaire - UC2950_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2950 TI-UC2950 Datasheet
163Kb / 3P
[Old version datasheet]   Half-Bridge Bipolar Switch
logo
Allegro MicroSystems
UDN-2935Z ALLEGRO-UDN-2935Z Datasheet
562Kb / 7P
   BIPOLAR HALF-BRIDGE MOTOR DRIVERS
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A Datasheet
148Kb / 3P
   HALF BRIDGE
PM0027A SSDI-PM0027A Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A_15 Datasheet
148Kb / 3P
   HALF BRIDGE
logo
Fairchild Semiconductor
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
   Power Switch (FPS?? for Half-Bridge PWM Converters
logo
Intersil Corporation
ISL6571 INTERSIL-ISL6571 Datasheet
374Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
logo
Renesas Technology Corp
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Fairchild Semiconductor
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com