Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFAF30U60DN Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce FFAF30U60DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF30U60DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFAF30U60DN Datasheet HTML 1Page - Fairchild Semiconductor FFAF30U60DN Datenblatt HTML 2Page - Fairchild Semiconductor FFAF30U60DN Datenblatt HTML 3Page - Fairchild Semiconductor FFAF30U60DN Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings (per diode) T
C=25
C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25
C unless otherwise noted
* Pulse Test: Pulse Width=300
s, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 100C30
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
180
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
C
Symbol
Parameter
Value
Units
R?JC
Maximum Thermal Resistance, Junction to Case
0.8
C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 30A
IF = 30A
TC = 25 C
TC = 100 C
-
-
-
-
2.3
2.1
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 C
TC = 100 C
-
-
-
-
15
150
A
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =30A, di/dt = 200A/s)
-
-
-
-
-
-
90
8
360
ns
A
nC
WAVL
Avalanche Energy
1.0
-
-
mJ
FFAF30U60DN
Features
? High voltage and high reliability
? High speed switching
? Low forward voltage
Applications
? General purpose
? Switching mode power supply
? Free-wheeling diode for motor application
? Power switching circuits
TO-3PF
1
2
3
1. Anode 2.Cathode 3. Anode


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn